Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 77Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 79Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 80Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 81Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 82Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 83Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
80
Table 32. FAST configuration output buffer electrical characteristics
Symbol
C
Parameter
Conditions1
NOTES:
1 V
DD = 3.3 V  10% / 5.0 V  10%, TA = 40 to 105 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
VOH
CC P Output high level
FAST configuration
Push Pull, IOH = 14 mA,
VDD = 5.0 V ±10%, PAD3V5V = 0
(recommended)
0.8VDD
——
V
D
Push Pull, IOH = 7 mA,
VDD = 5.0 V ±10%, PAD3V5V = 1
2
2 This is a transient configuration during power-up. All pads but RESET and NEXUS output (MDOx, EVTO, MCK) are
configured in input or in high impedance state.
0.8VDD
——
C
Push Pull, IOH = 11 mA,
VDD = 3.3 V ±10%, PAD3V5V = 1
(recommended)
VDD  0.8 —
—
VOL
CC P Output low level
FAST configuration
Push Pull, IOL = 14 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
—
—
0.1VDD
V
D
Push Pull, IOL = 7 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 1
2
—
—
0.1VDD
C
Push Pull, IOL = 11 mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
——
0.5
Ttr
CC T Output transition time output
pin3
FAST configuration
3 C
L includes device and package capacitance (CPKG <5 pF).
CL = 25 pF,
VDD = 5.0 V ±10%, PAD3V5V = 0
——
4
ns
TCL = 50 pF,
VDD = 5.0 V ±10%, PAD3V5V = 0
——
6
TCL = 100 pF,
VDD = 5.0 V ±10%, PAD3V5V = 0
——
12
TCL = 25 pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
4
TCL = 50 pF,
VDD = 3.3 V ±10%, PAD3V5V = 1
——
7
TCL = 100 pF,
VDD = 3.3 V ±10%, PAD3V5V = 1
——
12
I
tr50
CC D Current slew at CL = 50 pF
FAST configuration
VDD = 5.0 V ±10%, PAD3V5V = 0
(recommended configuration)
——
55
mA/ns
DVDD = 3.3 V ±10%, PAD3V5V = 1
(recommended configuration)
——
40
DVDD = 5.0 V ±10%, PAD3V5V = 1
—
—
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com