Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 74Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 75Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
73
3.7.4
Recommended power-up and power-down order
Figure 6 shows the recommended order for powering up the power supplies on this device.
The 1.2 V regulator output starts after the device’s internal POR (VDDREG HV) is deasserted at
approximately 2.7 V on VDDREG.
Figure 6. Recommended order for powering up the power supplies
CAUTION
The voltages VA and VB in Figure 6 must always obey the relation
VB  VA – 0.7 V. Otherwise, currents from the 1.2 V supply to the 3.3 V
supply may result.
Figure 7 shows the recommended order for powering down the power supplies on this device.
It is acceptable for the VDD IO HV supply to ramp down faster than the 1.2 V regulator output, even if
the latter takes time to discharge the high 40
F capacitance. (The capacitor will ultimately discharge.)
2 Values provided for reference only. The permitted temperature range of the chip is specified separately.
VDDREG HV supply
VDDREG HV POR (internal)
1.2 V regulator output
Soft startup (approx. 200
s)
VDD IO HV supply (3–5.5 V)
 2.7 V
>= 200
s
VA
VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com