Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 48Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 49Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 50Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 51Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 52Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 53Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 54Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 55Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 130 page
background image
Pinout and signal descriptions
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
52
2.8.1
Signal details
Table 7. Pad type descriptions
Abbreviation1
NOTES:
1 The pad descriptions refer to the different Pad Configuration Register (PCR) types. Refer to the SIUL chapter in the
device reference manual for the features available for each pad type.
Description
F
Fast (with GPIO and digital alternate function)
J
Slow pads with analog muxing (built for ADC channels)
M1
Medium (with GPIO and digital alternate function)
M2
Programmable medium/slow pad (programmed via the slew rate control in the PCR):
Slew rate disabled: Slow driver configuration (AC/DC parameters same as for a slow pad)
Slew rate enabled: Medium driver configuration (AC/DC parameters same as for a medium pad)
S
Slow (with GPIO and digital alternate function)
SMD
Stepper motor driver (with slew rate control)
X
Oscillator
Table 8. Signal details
Signal
Peripheral
Description
ABS[0]
BAM
Alternate Boot Select. Gives an option to boot by downloading code
via CAN or LIN.
ANS[0:15]
ADC
Inputs used to bring into the device sensor-based signals for A/D
conversion. ANS[0:15] connect to ATD channels [32:47].
MA[0:2]
ADC
These three control bits are output to enable the selection for an
external Analog Mux for expansion channels. The available 8
multiplexed channels connect to ATD channels [64:71].
FABM
Force Alternate Boot mode. Forces the device to boot from the
external bus (Can or LIN). If not asserted, the device boots up from
the lowest flash sector containing a valid boot signature.
DCU_DE
DCU
Indicates that valid pixels are present.
DCU_HSYNC
DCU
Horizontal sync pulse for TFT-LCD display
DCU_PCLK
DCU
Output pixel clock for TFT-LCD display
DCU_R[0:7],
DCU_G[0:7],
DCU_B[0:7]
DCU
Red, green and blue color 8-bit Pixel values for TFT-LCD displays
DCU_TAG
DCU
Indicates when a tagged pixel is present in safety mode
DCU_VSYNC
DCU
Vertical sync pulse for TFT-LCD display
PCS[0..2]_0,
PCS[0..2]_1
DSPI
Peripheral chip selects when device is in Master mode; not used in
slave modes.
SCK_0,
SCK_1
DSPI
SPI clock signal—bidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com