Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 12Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 13Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 14Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 15Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 16Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 17Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
16
1.6.11
QuadSPI serial flash controller
The QuadSPI module enables use of external serial flash memories supporting single, dual and quad
modes of operation. It features the following:
•
Memory mapping of external serial flash
•
Automatic serial flash read command generation by CPU, DMA or DCU read access on AHB bus
•
Supports single, dual and quad serial flash read commands
•
Flexible buffering scheme to maximize read bandwidth of serial flash
•
‘Legacy’ mode allowing QuadSPI to be used as a standard SPI (no DSI or CSI mode)
1.6.12
Analog-to-digital converter (ADC)
The ADC features the following:
•
10-bit A/D resolution
•
0 to 5 V common mode conversion range
•
Supports conversions speeds of as fast as 1 µs
•
16 internal and 8 external channels support
•
As many as 16 single-ended inputs channels
— All channels configured to have alternate function as general purpose input/output pins
– 10-bit ±3 counts accuracy (TUE)
•
External multiplexer support to increase as many as 23 channels
— Automatic 1 × 8 multiplexer control
— External multiplexer connected to a dedicated input channel
— Shared register between the 8 external channels
•
Result register available for every non-multiplexed channel
•
Configurable left- or right-aligned result format
•
Supports for one-shot, scan and injection conversion modes
•
Injection mode status bit implemented on adjacent 16-bit register for each result
— Supports access to result and injection status with single 32-bit read
•
Independently enabling of function for channels:
— Pre-sampling
— Offset error cancellation
—Offset refresh
•
Conversion Triggering support
— Internal conversion triggering from periodic interrupt timer (PIT)
•
Four configurable analog comparator channels offering range comparison with triggered alarm
— Greater than
—Less than
— Out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com