Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PXD10 Datasheet HTML 1Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 2Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 3Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 4Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 5Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 6Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
4
1.4
PXD10 series blocks
1.4.1
Block diagram
Figure 1 shows a high-level block diagram of the PXD10 series.
Figure 1. PXD10 series block diagram
Crossbar Switch (XBAR)
PXD10 Block Diagram
Integer
Multiply
e200z0 Core
Unit
Execution
Unit
Instruction
Unit
VLE
General
Load/Store
Unit
Purpose
Registers
(32 x 32-bit)
Branch
Unit
INTC
JTAG
Peripheral I/O Bridge (PBRIDGE)
Oscillators
BAM
RTC
PLL
PIT
SWT
Aux PLL
VREG
STM
Data Bus
Instruction Bus
Memory Protection Unit (MPU)
UART/LIN
ADC
LCD Seg
SPI
I2C
eMIOS
CAN
SIU
SMD SSD
RAM
Controller
QuadSPI
EEPROM
(Emulation)
Flash
(ECC)
RAM
Controller
Flash Controller
Flash
(ECC)
Graphics
SRAM
SRAM
(ECC)
Nexus2+
Display
Control
Unit
(TFTs)
eDMA
ADC
– Analog-to-digital converter
BAM
– Boot assist module
CAN
– Controller area network controller
ECC
– Error correction code
eDMA
– Enhanced direct memory access controller
eMIOS
– Timed input/output
I2C
– Inter-integrated circuit controller
INTC
– Interrupt controller
JTAG
– Joint Test Action Group interface
LCD
– Liquid crystal display
PIT
– Periodic interrupt timer
PLL
– Phase-locked loop
RTC
– Real time clock
SIU
– System integration unit
SMD SSD – Stepper motor driver/stepper stall detect
SPI
– Serial peripheral interface controller
SRAM
– Static random-access memory
STM
– System timer module
SWT
– Software watchdog timer
UART/LIN – Universal asynchronous receiver/transmitter/
local interconnect network
VLE
– Variable-length execution set
VREG
– Voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com