Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VMM80R Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPXD2005VMM80R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VMM80R Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VMM80R Datasheet HTML 22Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 23Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 24Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 25Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 26Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 27Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 28Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 29Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 30Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
PXS20 Product Brief, Rev. 1
Features
Freescale Semiconductor
26
2.5.39
Built-In Self-Test (BIST) Capability
This device includes the following protection against latent faults:
•
Boot-time Memory Built-In Self-Test (MBIST)
•
Boot-time scan-based Logic Built-In Self-Test (LBIST)
•
Run-time ADC Built-In Self-Test (BIST)
•
Run-time Built-In Self Test of LVDs
2.5.40
IEEE 1149.1 JTAG Controller (JTAGC)
The JTAGC block provides the means to test chip functionality and connectivity while remaining
transparent to system logic when not in test mode. All data input to and output from the JTAGC block is
communicated in serial format. The JTAGC block is compliant with the IEEE standard.
The JTAG controller provides the following features:
•
IEEE Test Access Port (TAP) interface with 5 pins:
—TDI
—TMS
—TCK
—TDO
—JCOMP
•
Selectable modes of operation include JTAGC/debug or normal system operation
•
5-bit instruction register that supports the following IEEE 1149.1-2001 defined instructions:
—BYPASS
—IDCODE
—EXTEST
—SAMPLE
— SAMPLE/PRELOAD
•
3 test data registers: a bypass register, a boundary scan register, and a device identification register.
The size of the boundary scan register is parameterized to support a variety of boundary scan chain
lengths.
•
TAP controller state machine that controls the operation of the data registers, instruction register
and associated circuitry
2.5.41
Nexus Port Controller (NPC)
The NPC module provides real-time development support capabilities for this device in compliance with
the IEEE-ISTO 5001-2008 standard. This development support is supplied for MCUs without requiring
external address and data pins for internal visibility.
The NPC block interfaces to the host processor and internal buses to provide development support as per
the IEEE-ISTO 5001-2008 Class 3+, including selected features from Class 4 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com