Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VMM80R Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPXD2005VMM80R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VMM80R Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VMM80R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
PXS20 Product Brief, Rev. 1
Features
Freescale Semiconductor
6
Figure 2. PXS20 block diagram (continued)
2.3
Operating Parameters
The PXS20 operating parameters are listed as follows:
•
Operating range 0 – 120 MHz
•
–40 to +105 °C ambient temperature
•
Fabricated in 90 nm low power process
•
1.2 V internal logic
•
Internal voltage regulator (VREG) with integrated ballast transistor
— Single-supply designs offering high integration level to the customer
•
3.3 V ±10% for digital I/O input supply voltage
•
Low power design
— Dynamic clock gating of core and peripherals
— Software controlled clock gating of peripherals
— Power consumption less than 400 mA
•
Selectable current slew rate (slow/medium/fast)
•
3.3 V ± 10% Nexus pin rail. Same as digital I/O rail
•
Unused pins configurable as GPIO or GPI for unused A/D channel inputs
•
3.3–5 V ±10% for A/D converter reference and analog input pins
•
Designed with EMI reduction techniques
— Phase-locked loop (PLL)
— System clock with frequency modulation
— On-chip by-pass capacitance
— Software selectable current slew rate control
— Schmitt trigger on selected inputs
•
Configurable pins
ADC
– Analog-to-digital converter
BAM
– Boot assist module
CAN
– Controller area network controller
CMU
– Clock monitoring unit
CRC
– Cyclic redundancy check unit
CTU
– Cross Triggering Unit
ECC
– Error correction code
ECSM
– Error correction status module
eDMA
– Enhanced direct memory access controller
FCCU
– Fault collection and control unit
FMPLL
– Frequency modulated phase locked loop
INTC
– Interrupt controller
IRCOSC
– Internal RC oscillator
JTAG
– Joint Test Action Group interface
MC
– Mode entry, clock, reset, & power
PBRIDGE – Peripheral I/O bridge
PIT
– Periodic interrupt timer
PMU
– Power management unit
PWM
– Pulse width modulator module
RC
– Redundancy checker
RTC
– Real time clock
SEMA4
– Semaphore unit
SIUL
– System integration unit lite
SPI
– Serial peripherals interface controller
SSCM
– System status and configuration module
STM
– System timer module
SWG
– Sine wave generator
SWT
– Software watchdog timer
TSENS
– Temperature sensor
UART/LIN – Universal asynchronous receiver/transmitter/
local interconnect network
WKPU
– Wakeup unit
XOSC
– Crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com