Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VMM80R Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPXD2005VMM80R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VMM80R Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VMM80R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
PXS20 Product Brief, Rev. 1
Features
Freescale Semiconductor
14
•
ECC error reporting for SRAM
•
ECC error injection for SRAM
2.5.11
Peripheral Bridge (PBRIDGE)
The PBRIDGE implements the following features:
•
Duplicated periphery
•
Master access right per peripheral (per master: read access enable; write access enable)
•
Write buffering for peripherals
•
Checker applied on PBRIDGE output toward periphery
•
Byte endianess swap capability
2.5.12
Interrupt Controller (INTC)
The INTC provides priority-based preemptive scheduling of interrupt requests, suitable for statically
scheduled hard real-time systems.
For high-priority interrupt requests, the time from the assertion of the interrupt request from the peripheral
to when the processor is executing the interrupt service routine (ISR) has been minimized. The INTC
provides a unique vector for each interrupt request source for quick determination of which ISR needs to
be executed. It also provides an ample number of priorities so that lower priority ISRs do not delay the
execution of higher priority ISRs. To allow the appropriate priorities for each source of interrupt request,
the priority of each interrupt request is software configurable.
The INTC supports the priority ceiling protocol for coherent accesses. By providing a modifiable priority
mask, the priority can be raised temporarily so that all tasks which share the resource can not preempt each
other.
The INTC provides the following features:
•
Duplicated periphery
•
Unique 9-bit vector per interrupt source
•
16 priority levels with fixed hardware arbitration within priority levels for each interrupt source
•
Priority elevation for shared resource
The INTC is replicated for each processor.
2.5.13
System Clocks and Clock Generation
The following list summarizes the system clock and clock generation on this device:
•
Lock status continuously monitored by lock detect circuitry
•
Loss-of-clock (LOC) detection for reference and feedback clocks
•
On-chip loop filter (for improved electromagnetic interference performance and fewer external
components required)
•
Programmable output clock divider of system clock (
1, 2, 4, 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com