Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VMM80R Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPXD2005VMM80R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VMM80R Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VMM80R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 20Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 21Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
PXS20 Product Brief, Rev. 1
Features
Freescale Semiconductor
18
— Configurable weak pull-up/down
— Configurable slew rate control (slow/medium/fast)
— Hysteresis on GPIO pins
— Configurable automatic safe mode pad control
•
Input filtering for external interrupts
2.5.23
Non-Maskable Interrupt (NMI)
The non-maskable interrupt with de-glitching filter supports high-priority core exceptions.
2.5.24
Boot Assist Module (BAM)
The BAM is a block of read-only memory with hard-coded content. The BAM program is executed only
if serial booting mode is selected via boot configuration pins.
The BAM provides the following features:
•
Enables booting via serial mode (CAN or UART/LIN)
•
Supports programmable 64-bit password protection for serial boot mode
•
Supports serial bootloading of either classic PowerPC Book E code (default) or Freescale VLE
code
•
Automatic switch to serial boot mode if internal flash memory is blank or invalid
2.5.25
System Status and Configuration Module (SSCM)
The SSCM on this device features the following:
•
System configuration and status
•
Debug port status and debug port enable
•
Multiple boot code starting locations out of reset through implementation of search for valid Reset
Configuration Half Word
•
Sets up the MMU to allow user boot code to execute as either classic PowerPC Book E code
(default) or as Freescale VLE code out of flash memory
•
Triggering of device self-tests during reset phase of device boot
2.5.26
Controller Area Network Module (CAN)
The CAN module is a communication controller implementing the CAN protocol according to Bosch
Specification version 2.0B. Although the CAN interface was designed to be used primarily as a vehicle
networking bus, it is widely used in industrial and other transport applications due to its robust operation,
time determinism, cost effectiveness, and optional redundant physical layer implementation.
The CAN module provides the following features:
•
Full implementation of the CAN protocol specification, version 2.0B
— Standard data and remote frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com