Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-72 Datasheet(PDF) 21 Page - ITT Industries

Part # DM53745-72
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-72 Datasheet(HTML) 21 Page - ITT Industries

Back Button DM53745-72 Datasheet HTML 17Page - ITT Industries DM53745-72 Datasheet HTML 18Page - ITT Industries DM53745-72 Datasheet HTML 19Page - ITT Industries DM53745-72 Datasheet HTML 20Page - ITT Industries DM53745-72 Datasheet HTML 21Page - ITT Industries DM53745-72 Datasheet HTML 22Page - ITT Industries DM53745-72 Datasheet HTML 23Page - ITT Industries DM53745-72 Datasheet HTML 24Page - ITT Industries DM53745-72 Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
20
D Subminiature
D*
90
° Solder Termination (Machined) — European Footprint 10,2 or 9,4 mm
Part Numbers
Shell Size
Layout
Through Hole
DE
9
DE9P-1AON-K87
DA
15
DA15P-1AON-K87
DB
25
DB25P-1AON-K87
DC
37
DC37P-1AON-K87
DD
50
DD50P-1AON-K87
Note: For performance class 2 add -A191. Example: DE9P-1A0N-A191-K87
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Plug
C
B
10
°
E
Ø 0,60 (.024)
A
D
Ø 3,05 (.120)
5,08 (.200)
2,54 (.100)
9,40 (.370)
4,70 (.185)
L
DD Configuration
Engaging Face
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 14-15.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
2,54 (.100)
4,70 (.185)
W
F
9,40 (.370)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com