Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-72 Datasheet(PDF) 57 Page - ITT Industries

Part # DM53745-72
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-72 Datasheet(HTML) 57 Page - ITT Industries

Back Button DM53745-72 Datasheet HTML 53Page - ITT Industries DM53745-72 Datasheet HTML 54Page - ITT Industries DM53745-72 Datasheet HTML 55Page - ITT Industries DM53745-72 Datasheet HTML 56Page - ITT Industries DM53745-72 Datasheet HTML 57Page - ITT Industries DM53745-72 Datasheet HTML 58Page - ITT Industries DM53745-72 Datasheet HTML 59Page - ITT Industries DM53745-72 Datasheet HTML 60Page - ITT Industries DM53745-72 Datasheet HTML 61Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
56
D Subminiature
Combo D
Coaxial Straight — European PC Tails (Sizes DE-DC)
Hardware and signal contacts
removed for clarity
Hardware and coaxial contact
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
A
C
B
E
10
°
D
Ø 0,51
(.020)
2,54
(.100)
0,62
(.024)
L
2,84
(.112)
W
F
3,45
(.136)
Ø 0,60
(.024)
0,82
(.032)
2,91
(.115)
6,50
± 0,25
(.256
± .010)
7,62
± 0,25
(.300
± .010)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 238-239.
For panel cutouts, see page 221.
For alternate 50 Ohm coaxial configuration,
see page 225.
75 Ohm Part Numbers* with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMV5C1PYK87
DEMZ5C1PYK87
DEMN5C1PYK87
DA
7W2
DAMV7C2PYK87
DAMZ7C2PYK87
DAMN7C2PYK87
DA
11W1
DAMV11C1PYK87
DAMZ11C1PYK87
DAMN11C1PYK87
DA
3W3
DAMV3C3PYK87
DAMZ3C3PYK87
DAMN3C3PYK87
DA
3WK3
DAMV3CK3PYK87TM
DAMZ3CK3PYK87TM
DAMN3CK3PYK87TM
DB
5W5
DBMV5C5PYK87
DBMZ5C5PYK87
DBMN5C5PYK87
DB
9W4
DBMV9C4PYK87
DBMZ9C4PYK87
DBMN9C4PYK87
DB
13W3
DBMV13C3PYK87
DBMZ13C3PYK87
DBMN13C3PYK87
DB
17W2
DBMV17C2PYK87
DBMZ17C2PYK87
DBMN17C2PYK87
DB
21W1
DBMV21C1PYK87
DBMZ21C1PYK87
DBMN21C1PYK87
DC
8W8
DCMV8C8PYK87
DCMZ8C8PYK87
DCMN8C8PYK87
DC
13W6
DCMV13C6PYK87
DCMZ13C6PYK87
DCMN13C6PYK87
DC
17W5
DCMV17C5PYK87
DCMZ17C5PYK87
DCMN17C5PYK87
DC
21WA4
DCMV21CA4PYK87
DCMZ21CA4PYK87
DCMN21CA4PYK87
DC
25W3
DCMV25C3PYK87
DCMZ25C3PYK87
DCMN25C3PYK87
DC
27W2
DCMV27C2PYK87
DCMZ27C2PYK87
DCMN27C2PYK87
For M3 threads replace MV with MT, MZ with MQ, MN with MU.
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DEMV5X1PYK87
For tin plated PC tails add A226 (signal contacts only). Example: DEMV5C1PYK87A226
For performance class 2 substitute K127 for K87. Example: DEMV5C1PYK127
For DD shell sizes, see page 58.
Keyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com