Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-72 Datasheet(PDF) 76 Page - ITT Industries

Part # DM53745-72
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-72 Datasheet(HTML) 76 Page - ITT Industries

Back Button DM53745-72 Datasheet HTML 72Page - ITT Industries DM53745-72 Datasheet HTML 73Page - ITT Industries DM53745-72 Datasheet HTML 74Page - ITT Industries DM53745-72 Datasheet HTML 75Page - ITT Industries DM53745-72 Datasheet HTML 76Page - ITT Industries DM53745-72 Datasheet HTML 77Page - ITT Industries DM53745-72 Datasheet HTML 78Page - ITT Industries DM53745-72 Datasheet HTML 79Page - ITT Industries DM53745-72 Datasheet HTML 80Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
75
D Subminiature
Combo D
90
° PC Tail — European Footprint 10,2 or 9,4 mm
(Sizes DE-DD)
Part Numbers
Shell Size
Layout
Part Number
Without Hardware
Part Number
Metal Bracket With #4-40 Nut
DE
5W1
DEM-5W1S-1A0N-A197
DEM-5W1S-1A7N-A197
DA
7W2
DAM-7W2S-1A0N-A197
DAM-7W2S-1A7N-A197
DA
11W1
DAM-11W1S-1A0N-A197
DAM-11W1S-1A7N-A197
DA
3W3
DAM-3W3S-1A0N-A197
DAM-3W3S-1A7N-A197
DA
3WK3
DAM-3WK3S-1A0N-A197
DAM-3WK3S-1A7N-A197
DB
5W5
DBM-5W5S-1A0N-A197
DBM-5W5S-1A7N-A197
DB
9W4
DBM-9W4S-1A0N-A197
DBM-9W4S-1A7N-A197
DB
13W3
DBM-13W3S-1A0N-A197
DBM-13W3S-1A7N-A197
DB
17W2
DBM-17W2S-1A0N-A197
DBM-17W2S-1A7N-A197
DB
21W1
DBM-21W1S-1A0N-A197
DBM-21W1S-1A7N-A197
DC
8W8
DCM-8W8S-1A0N-A197
DCM-8W8S-1A7N-A197
DC
13W6
DCM-13W6S-1A0N-A197
DCM-13W6S-1A7N-A197
DC
17W5
DCM-17W5S-1A0N-A197
DCM-17W5S-1A7N-A197
DC
21WA4
DCM-21WA4S-1A0N-A197
DCM-21WA4S-1A7N-A197
DC
25W3
DCM-25W3S-1A0N-A197
DCM-25W3S-1A7N-A197
DC
27W2
DCM-27W2S-1A0N-A197
DCM-27W2S-1A7N-A197
DD
24W7
DDM-24W7S-1A0N-A197
DDM-24W7S-1A7N-A197
DD
36W4
DDM-36W4S-1A0N-A197
DDM-36W4S-1A7N-A197
DD
43W2
DDM-43W2S-1A0N-A197
DDM-43W2S-1A7N-A197
DD
47W1
DDM-47W1S-1A0N-A197
DDM-47W1S-1A7N-A197
Note: Performance class 3 standard, for performance class 2 add -A191. Example: DEM-5W1S-1A0N-A191-A197
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,318 (.0125)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Receptacle
Engaging Face
DD Configuration
10
°
A
C
E
D
B
Ø 0,60
(.024)
Ø 3,05
(.120)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
W
F
5,00
(.197)
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 263-265.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
2,54
(.100)
9,40
± 0,20
(.370
± .008)
K
L
5,08
(.200)
5,00
(.197)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com