Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-72 Datasheet(PDF) 56 Page - ITT Industries

Part # DM53745-72
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-72 Datasheet(HTML) 56 Page - ITT Industries

Back Button DM53745-72 Datasheet HTML 52Page - ITT Industries DM53745-72 Datasheet HTML 53Page - ITT Industries DM53745-72 Datasheet HTML 54Page - ITT Industries DM53745-72 Datasheet HTML 55Page - ITT Industries DM53745-72 Datasheet HTML 56Page - ITT Industries DM53745-72 Datasheet HTML 57Page - ITT Industries DM53745-72 Datasheet HTML 58Page - ITT Industries DM53745-72 Datasheet HTML 59Page - ITT Industries DM53745-72 Datasheet HTML 60Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
55
A
C
B
10
°
E
D
D Subminiature
Combo D
Coaxial Straight — Standard PC Tails (Size DD)
75 Ohm Part Numbers* with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMV24C7SNA197
DDMZ24C7SNA197
DDMN24C7SNA197
DD
36W4
DDMV36C4SNA197
DDMZ36C4SNA197
DDMN36C4SNA197
DD
43W2
DDMV43C2SNA197
DDMZ43C2SNA197
DDMN43C2SNA197
DD
47W1
DDMV47C1SNA197
DDMZ47C1SNA197
DDMN47C1SNA197
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DDMV24X7SNA197
For contacts with 30 microinches gold substitute K126 for A197. Example: DDMN24C7SNK126
Hardware and signal contacts
removed for clarity
Hardware and coaxial contact
removed for clarity
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
7,62
± 0,25
(.300
± .010)
Ø 0,76
(.030)
0,82
(.032)
3,45
(.136)
6,50
± 0,25
(.256
± .010)
2,92
(.115)
BOARDLOCK
0,62
(.024)
Ø 0,51
(.020)
2,54
(.100)
L
F
5,69
(.224)
2,84
(.112)
W
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Receptacle
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see page 243.
For panel cutouts, see page 221.
For alternate 50 Ohm coaxial configuration,
see page 225.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com