Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-72 Datasheet(PDF) 45 Page - ITT Industries

Part # DM53745-72
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-72 Datasheet(HTML) 45 Page - ITT Industries

Back Button DM53745-72 Datasheet HTML 41Page - ITT Industries DM53745-72 Datasheet HTML 42Page - ITT Industries DM53745-72 Datasheet HTML 43Page - ITT Industries DM53745-72 Datasheet HTML 44Page - ITT Industries DM53745-72 Datasheet HTML 45Page - ITT Industries DM53745-72 Datasheet HTML 46Page - ITT Industries DM53745-72 Datasheet HTML 47Page - ITT Industries DM53745-72 Datasheet HTML 48Page - ITT Industries DM53745-72 Datasheet HTML 49Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
44
D Subminiature
Combo D
Coaxial 90
° — Standard Footprint .318 or .283 inch
(Sizes DE-DC)
75 Ohm Part Numbers* with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMP5C1PJK87
DEMC5C1PJK87
DEMD5C1PJK87
DEMG5C1PJK87
DA
7W2
DAMP7C2PJK87
DAMC7C2PJK87
DAMD7C2PJK87
DAMG7C2PJK87
DA
11W1
DAMP11C1PJK87
DAMC11C1PJK87
DAMD11C1PJK87
DAMG11C1PJK87
DA
3W3
DAMP3C3PJK87
DAMC3C3PJK87
DAMD3C3PJK87
DAMG3C3PJK87
DA
3WK3
DAMP3CK3PJK87TM
DAMC3CK3PJK87TM
DAMD3CK3PJK87TM
DAMG3CK3PJK87TM
DB
5W5
DBMP5C5PJK87
DBMC5C5PJK87
DBMD5C5PJK87
DBMG5C5PJK87
DB
9W4
DBMP9C4PJK87
DBMC9C4PJK87
DBMD9C4PJK87
DBMG9C4PJK87
DB
13W3
DBMP13C3PJK87
DBMC13C3PJK87
DBMD13C3PJK87
DBMG13C3PJK87
DB
17W2
DBMP17C2PJK87
DBMC17C2PJK87
DBMD17C2PJK87
DBMG17C2PJK87
DB
21W1
DBMP21C1PJK87
DBMC21C1PJK87
DBMD21C1PJK87
DBMG21C1PJK87
DC
8W8
DCMP8C8PJK87
DCMC8C8PJK87
DCMD8C8PJK87
DCMG8C8PJK87
DC
13W6
DCMP13C6PJK87
DCMC13C6PJK87
DCMD13C6PJK87
DCMG13C6PJK87
DC
17W5
DCMP17C5PJK87
DCMC17C5PJK87
DCMD17C5PJK87
DCMG17C5PJK87
DC
21WA4
DCMP21CA4PJK87
DCMC21CA4PJK87
DCMD21CA4PJK87
DCMG21CA4PJK87
DC
25W3
DCMP25C3PJK87
DCMC25C3PJK87
DCMD25C3PJK87
DCMG25C3PJK87
DC
27W2
DCMP27C2PJK87
DCMC27C2PJK87
DCMD27C2PJK87
DCMG27C2PJK87
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DEMP5X1PJK87
For contacts with 30 microinches gold substitute K127 for K87. Example: DEMP5C1PJK127
For DD shell sizes, see page 46.
Keyed.
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and coaxial contact
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
0,82
(.032)
2,92
(.115)
Ø 0,76
(.030)
A
B
C
E
10
°
BOARDLOCK
D
12,34
(.486) 8,64
(.340)
6,50
± 0,25
(.256
± .010)
BRACKET,
METAL
RIVNUT
#4-40 UNC
SCREW LOCK
#4-40 UNC
3,89 (.153)
MIN
0,56
(.023)
Ø 0,51
(.020)
2,54
(.100)
11,94
± 0,33
(.470
± .013)
L
7,18
± 0,25
(.283
± .010)
4,33
± 0,38
(.170
± .015)
F
W
2,84
(.112)
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 228-229.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com