Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-72 Datasheet(PDF) 15 Page - ITT Industries

Part # DM53745-72
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-72 Datasheet(HTML) 15 Page - ITT Industries

Back Button DM53745-72 Datasheet HTML 11Page - ITT Industries DM53745-72 Datasheet HTML 12Page - ITT Industries DM53745-72 Datasheet HTML 13Page - ITT Industries DM53745-72 Datasheet HTML 14Page - ITT Industries DM53745-72 Datasheet HTML 15Page - ITT Industries DM53745-72 Datasheet HTML 16Page - ITT Industries DM53745-72 Datasheet HTML 17Page - ITT Industries DM53745-72 Datasheet HTML 18Page - ITT Industries DM53745-72 Datasheet HTML 19Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
14
D Subminiature
90
° PCB Selection Guide
D*M — 90
° Solder Termination (Machined) — Standard Footprint .318 or .283 inch
D*M 90
° PCB connectors, equivalent to
MIL-C-24308 qualified versions (except for
finishes), for use with printed circuit boards in
demanding applications. Additional contact
lengths, hardware and finish options available;
consult factory for details.
Product Features
7.5 A current capacity
Machined contacts
Two contact finishes
Metal bracket with threaded insert standard
Optional screw locks and boardlocks
UL file number E8572
Dimensionally compatible with Combo D
ZED* — 90
° Solder Termination (Stamped) — Standard Footprint .318 inch
ZED* 90
° connectors are available for applications
where price is the primary driver. They are
available with integrated plastic brackets with
Standard footprints.
Product Features
Stamped contacts with 5 A current capacity
Economical
Plastic bracket with integrated boardlocks and
grounding strap
Optional screw locks
ZD* — 90
° Solder Termination (Stamped) — European Footprint 10,2 mm
ZD* 90
° connectors are available for applications
where price is the primary driver. They are
available with integrated plastic brackets with
European footprints.
Product Features
Stamped contacts with 5 A current capacity
Economical
Plastic bracket with integrated boardlocks and
grounding strap
Optional screw locks
D* — 90
° Solder Termination (Machined) — European Footprint 10,2 or 9,4 mm
D* 90
° connectors are available for high
performance uses according to DIN 41652.
Available with European footprint 1AON contacts,
plastic and metal brackets, #4-40 or M3 threads
and stamped pushfits/boardlocks. Contact finish
available in 2 performance classes.
Product Features
High performance commercial class
connectors
Two contact performance classes
Optional metal and plastic brackets, threaded
standoffs, clinch nuts, and stamped pushfits/
boardlocks
Tin plated contact PC tails (pin & socket)
See pages 16-17.
See pages 18-19.
See pages 20-27.
See pages 28-29.
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com