Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-72 Datasheet(PDF) 69 Page - ITT Industries

Part # DM53745-72
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-72 Datasheet(HTML) 69 Page - ITT Industries

Back Button DM53745-72 Datasheet HTML 65Page - ITT Industries DM53745-72 Datasheet HTML 66Page - ITT Industries DM53745-72 Datasheet HTML 67Page - ITT Industries DM53745-72 Datasheet HTML 68Page - ITT Industries DM53745-72 Datasheet HTML 69Page - ITT Industries DM53745-72 Datasheet HTML 70Page - ITT Industries DM53745-72 Datasheet HTML 71Page - ITT Industries DM53745-72 Datasheet HTML 72Page - ITT Industries DM53745-72 Datasheet HTML 73Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
68
D Subminiature
Combo D
40 A High Power Straight — Standard PC Tails (Size DD)
Screw lock, boardlock, and high power contact
removed for clarity
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMV24H7PNK87
DDMZ24H7PNK87
DDMN24H7PNK87
DD
36W4
DDMV36H4PNK87
DDMZ36H4PNK87
DDMN36H4PNK87
DD
43W2
DDMV43H2PNK87
DDMZ43H2PNK87
DDMN43H2PNK87
DD
47W1
DDMV47H1PNK87
DDMZ47H1PNK87
DDMN47H1PNK87
Note: For contacts with 30 microinches gold substitute K127 for K87. Example: DDMV24H7PNK127
A
C
B
E
D
10
°
7,62
± 0,25
(.300
± .010)
Ø 0,76
(.030)
Ø 3,18
(.125)
6,50
± 0,25
(.256
± .010)
4,65
(.183)
2,92
(.115)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
5,69
(.224)
2,84
(.112)
L
W
F
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,41 (.016)
L
±0,25 (.010)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 256.
For panel cutouts, see page 221.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com