Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MIPSZ2012D1R0 Datasheet HTML 1Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 2Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 3Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 4Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
3
AN30183A
Ver. AEB
RECOMMENDED OPERATING CONDITIONS
*2
V
DVDD + 0.3
–0.3
SDA
*2
V
VVBAT + 0.3
–0.3
REF
*2
V
VVBAT + 0.3
–0.3
VLDO1
*2
V
VVBAT + 0.3
–0.3
VLDO2
*2
V
VVBAT + 0.3
–0.3
VLDO3
*2
V
VVBAT + 0.3
–0.3
VLDO4
*2
V
VVBAT + 0.3
–0.3
VREG
Output Voltage Rang
*2
V
VVBAT + 0.3
–0.3
FB1
*2
V
VVBAT + 0.3
–0.3
REGCNT
*2
V
VVBAT + 0.3
–0.3
LDO1ON
*2
V
DVDD + 0.3
–0.3
SCL
*1
V
5.5
3.7
2.5
DDVBAT1
*1
V
5.5
3.7
2.5
VIN2
*2
V
VVBAT + 0.3
–0.3
LX1
V
VVBAT + 0.3
–0.3
RESET
*1
V
3.0
1.85
1.7
DVDD
*2
V
DVDD + 0.3
–0.3
SDA
3.7
Typ.
*2
Input Voltage Range
*2
V
DVDD + 0.3
–0.3
ASEL
2.5
Min.
*1
V
5.5
VB
Supply voltage range
Notes
Unit
Max.
Pin Name
Parameter
Note) Do not apply external currents and voltages to any pin not specifically mentioned.
Voltage values, unless otherwise specified, are with respect to GND. GND is voltage for AGND = DDGND1
V
VBAT is voltage for DDVBAT1 = VB = VIN2.
*1 : The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
*2 : (V
VBAT + 0.3) V must not be exceeded 6 V. (DVDD + 0.3) V must not be exceeded 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com