Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MIPSZ2012D1R0 Datasheet HTML 1Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 2Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 3Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 4Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
AN30183A
Ver. AEB
ABSOLUTE MAXIMUM RATINGS
*1
*3
V
– 0.3 to VVBAT + 0.3
LX1,VREG,REF,SDA
LDO1,LDO2,LDO3,LDO4
Output Voltage Range
*1
*3
V
– 0.3 to DVDD + 0.3
SCL,SDA,ASEL
*1
*3
V
– 0.3 to VVBAT + 0.3
RESET,LDO1ON,FB1,
REGCNT
Input Voltage Range
*1
V
3.6
DVDD
kV
2
HBM (Human Body Model)
ESD
*2
°C
– 30 to + 150
Tj
Operating junction temperature
*2
°C
– 55 to + 150
Tstg
Storage temperature
*1
A
IIN
Output Current
Notes
Unit
Rating
Symbol
Parameter
*2
°C
– 30 to + 85
Topr
Operating free-air temperature
*1
V
6.0
VB,VIN2,DDVBAT1
Supply voltage
Notes) Do not apply external currents and voltages to any pin not specifically mentioned.
This product may sustain permanent damage if subjected to conditions higher than the above stated absolute maximum rating.
This rating is the maximum rating and device operating at this range is not guaranteeable as it is higher than our stated
recommended operating range. When subjected under the absolute maximum rating for a long time, the reliability of the product
may be affected.
*1:The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
*2:Except for the power dissipation, operating ambient temperature, and storage temperature, all ratings are for Ta = 25
°C.
*3:V
VBAT is voltage for DDVBAT1 = VB = VIN2, (VVBA + 0.3) V must not be exceeded 6 V.
V
DVDD is voltage for DVDD, (VDVDD + 0.3) V must not be exceeded 3.6 V.
*1
Notes
0.181 W
0.348 W
359.0
°C / W
20 pin Wafer level chip size Package
(WLCSP Type)
PD ( Ta = 85
°C)
PD ( Ta = 25
°C)
θ
JA
PACKAGE
POWER DISSIPATION RATING
Note). For the actual usage, please refer to the PD-Ta characteristics diagram in the package specification, follow the power supply
voltage, load and ambient temperature conditions to ensure that there is enough margin and the thermal design does not
exceed the allowable value.
*1:Glass Epoxy Substrate ( 4 Layers ) [ Glass-Epoxy: 50 X 50 X 0.8 t ( mm ) ]
Die Pad Exposed , Soldered.
CAUTION
Although this has limited built-in ESD protection circuit, but permanent damage may occur on it.
Therefore, proper ESD precautions are recommended to avoid electrostatic damage to the MOS gates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com