Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 12Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 13Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
AN30183A
Ver. AEB
*2
μs
1.3
tBUF
Bus free time between STOP
and START condition
*2
μs
0.6
tSU:STO
Set-up time of STOP condition
*2
ns
300
20 +
0.1
× C
b
tf
Fall time of both SDA
and SCL signals
*2
ns
300
20 +
0.1
× C
b
tr
Rise time of both SDA
and SCL signals
*2
ns
100
tSU:DAT
Data set-up time
*2
μs
0.9
0
tHD:DAT
Data hold time
*2
V
0.1
×
VDVDD
VIO < 2 V,
Hysteresis 2 of SDA, SCL
Vhys2
Hysteresis of Schmitt trigger
input 2
I2C bus (Bus line specifications)
*2
μs
0.6
tSU:STA
Set-up time for a repeat START
condition
*2
μs
0.6
tHIGH
High period of the SCL clock
*2
μs
1.3
tLOW
Low period of the SCL clock
*2
μs
0.6
The first clock pulse is
generated after tHD:STA.
tHD:STA
Hold time
(repeated) START condition
*2
pF
10
Ci
Capacitance for each I/O pin
*2
ns
50
0
Tsp
Pulse width of spikes which must
be suppressed by the input filter
I2C bus (Internal I/O stage characteristics)
*2
ns
250
20 +
0.1
× C
b
Bus capacitance : 10 pF to
400 pF
IP ≤ 6mA (VOLmax = 0.6 V)
IP : Max. sink current
Tof
Output fall time from VIHmin to VILmax
*2
V
0.05
×
VDVDD
VIO > 2 V,
Hysteresis 1 of SDA, SCL
Vhys1
Hysteresis of Schmitt trigger
input 1
Reference values
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
APPLICATION INFORMATION (Continued)
REFERENCE VALUES FOR DESIGN
VVBAT(DDVBAT1 = VB = VIN2) = 3.1V to 4.5V, DVDD = 1.85V , DC-DC : Co = 4.7 µF, Lo = 1 µH / LDO : Co =1.0 µF
Ta = 25 °C ± 2 °C unless otherwise noted.
Notes)
*2 :Checked by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com