Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 31 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 31 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 27Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 28Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 29Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 30Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 31Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 32Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 33Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 34Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 35Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
31
AN30183A
Ver. AEB
GPEN
GPDD
Default
Name
Bit
0
0
0
1
1
1
1
1
GPLD2
GPLD3
GPLD4
GROUP
R/W
04h
R/W
Register
Name
Sub
Address
D5
D6
D7
Data
D0
D1
D2
D3
D4
D7 : External pin ON/OFF control for LDO4 select register
[0] : I2C control
[1] : External pin control (default)
D6 : External pin ON/OFF control for LDO3 select register
[0] : I2C control
[1] : External pin control (default)
D5 : External pin ON/OFF control for LDO2 select register
[0] : I2C control
[1] : External pin control (default)
D3 : External pin ON/OFF control for DCDC1 select register
[0] : I2C control
[1] : External pin control (default)
D0 : External pin control permit register
[0] : External pin control valid (default)
[1] : External pin control invalid
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
OPERATION ( Continued )
* Please set it to normal mode when LDO starts.
3. Register map details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com