Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 2Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 3Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 4Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
AN30183A
Ver. AEB
V
VDVDD
× 0.7
Voltage recognized as high level
VIH2
High input voltage
V
VDVDD
× 0.3
Voltage recognized as low level
VIL2
Low input voltage
I/O characteristics of control terminal (ASEL)
M
Ω
6
3
1
PDR1
Input pull-down resistance
V
1.2
Voltage recognized as high level
VIH1
High input voltage
V
0.45
Voltage recognized as low level
VIL1
Low input voltage
I/O characteristics of control terminal (RESET, LDO1ON, REGCNT)
MHz
4
3
2
IDCDC1 = – 300 mA (CCM)
ISTDCDC1
Oscillation frequency
mV
13
4
DDVBAT1 = 3.1 V
→ 4.5 V
IDCDC1 = – 300 mA
Vout = 1.2 V setting
VDCDC1LR
Line regulation
mV
45
25
Δ IDCDC1 = – 10 μA → – 500 mA
Vout = 1.2 V setting
DVDCDC1
Load regulation
DCDC1 (DC-DC Step Down Regulator)
mA
600
IDCDC1
Output current
V
1.230
1.200
1.170
IDCDC1 = – 300 mA
Vout = 1.2 V setting
VDCDC1
Output voltage
Limits
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
ELECRTRICAL CHARACTERISTICS (Continued)
VVBAT(DDVBAT1= VB = VIN2) = 3.7V, DVDD = 1.85V
DC-DC : Co = 4.7 µF, Lo = 1 µH / LDO : Co =1.0 µF
Ta = 25 °C ± 2 °C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com