Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 12Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
AN30183A
Ver. AEB
*2
k
Ω
2.0
1.0
0.5
RDISDCDC1
Discharge resistance
*2
μA
40
25
10
IDCDC1 = 0 mA
IREGDCCD1
Consumption current on active
*2
μA
1
0
–1
DDVBAT1 = 5.5 V
DCDC1 = Disable
VLX1 = 0 V or 5.5 V
ILXL1
LX leak current
*2
%
80
75
DDVBAT1 = 3.7 V
VDCDC1 = 1.2 V
IDCDC1 = – 150 mA
EFFDCDC12
Efficiency 2
*2
%
90
85
DDVBAT1 = 3.4 V
VDCDC1 = 2.4 V
IDCDC1 = – 150 mA
EFFDCDC11
Efficiency 1
DCDC1 (DC-DC Step Down Regulator)
*2
A
1.2
1.0
From FB1
× 100% to FB1 ×
70%
VB = 3.7 V
ILIMDCDC1
Output over current limit
*2
V
1.230
1.200
1.170
IDCDC1 = – 300 mA
Vout = 1.2 V setting
VDCDC1
Output Voltage
Reference values
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
APPLICATION INFORMATION (Continued)
REFERENCE VALUES FOR DESIGN
VVBAT(DDVBAT1 = VB = VIN2) = 3.1V to 4.5V, DVDD = 1.85V , DC-DC : Co = 4.7 µF, Lo = 1 µH / LDO : Co =1.0 µF
Ta = 25 °C ± 2 °C unless otherwise noted.
Notes)
*2 :Checked by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com