Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 3Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 4Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
AN30183A
Ver. AEB
*2
kHz
400
0
FOSC
SCL clock frequency
*2
μA
10
–10
SCL, SDA =
0.1
× V
DVDDmax to
0.9
× V
DVDDmax
IL
Input current each I/O pin
*2
V
0.2
×
VDVDD
0
VDVDD < 2 V
SDA(sink current) = 3 mA
VOL2
Low-level output voltage 2
*2
V
0.4
0
VDVDD > 2 V
SDA(sink current) = 3 mA
VOL1
Low-level output voltage 1
I2C Bus (Internal I/O Stage Characteristics)
*1
*2
V
VDVDD
max
+ 0.5
0.7
×
VDVDD
Voltage which recognized that
SDA and SCL are High-level
VIH1
High-level input voltage
*1
*2
V
0.3
×
VDVDD
–0.5
Voltage which recognized that
SDA and SCL are Low-level
VIL1
Low-level input voltage
Reference values
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
APPLICATION INFORMATION
REFERENCE VALUES FOR DESIGN
VVBAT(DDVBAT1 = VB = VIN2) = 3.7V, DVDD = 1.85V
Ta = 25 °C ± 2 °C unless otherwise noted.
Notes) *1 : The input threshold voltage of I2C bus (Vth) is linked to V
DVDD.
In case the pull-up voltage is not V
DVDD, the threshold voltage (Vth) is fixed to ((VDVDD / 2) ± (Schmitt width) / 2 ) and High-level,
Low-level of input voltage are not specified.
In this case, pay attention to Low-level (max.) value (V
ILmax).
It is recommended that the pull-up voltage of I2C bus is set to the I2C bus I/O stage supply voltage (V
DVDD).
*2 :Checked by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com