Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3TP12 Datasheet(PDF) 78 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 78 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 74Page - Agere Systems OR3TP12 Datasheet HTML 75Page - Agere Systems OR3TP12 Datasheet HTML 76Page - Agere Systems OR3TP12 Datasheet HTML 77Page - Agere Systems OR3TP12 Datasheet HTML 78Page - Agere Systems OR3TP12 Datasheet HTML 79Page - Agere Systems OR3TP12 Datasheet HTML 80Page - Agere Systems OR3TP12 Datasheet HTML 81Page - Agere Systems OR3TP12 Datasheet HTML 82Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 128 page
background image
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
78
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Target Controller Detailed Description (continued)
The read data phase will follow, by deassertion of taenn, assertion of Target read data enable (trdataenn). trda-
taenn can only be asserted while tr_fulln is deasserted, indicated that space is available in the read data FIFOs.
While trdataenn is asserted, the FPGA application will transfer Target read data on bus datafmfpga to the read
data FIFOs. The FPGA application is informed when the last component of the data phase is need when trlast-
cycn is asserted. In a burst access, this is during the last data phase. Assuming this is a burst access, (datatofp-
gax[1] = 1 during command/address phase), trlastcycn is deasserted during the read data phase except for the
last data of the read data phase. After receiving trlastcycn at the end of the data phase, trdataenn must be deas-
serted by the FPGA application. trlastcycn can only be asserted when trdataenn is asserted. See Read Data
Transfer section for details on trlastcycn.
For quad-port mode (Figure 32), the address data is transferred on the bus twdata in 16-bit segments. The
address will be split into two 16-bits components with the LSB being transferred first. A burst operation and dual-
address indication accompanies the address on twdata[17] and twdata[16] respectively. Assuming a BAR size
greater than 16 bits, the address phase will require two clock cycles for a 32-bit address, and twlastcycn will be
asserted on the final or MSB component of the address. The data phase will also require two clock cycles to trans-
fer every 32-bit read data word across the 16-bit bus trdata from the FPGA application. trlastcycn will be deas-
serted for all 16-bit components of the read data phase, except for the final 16-bit component where it is asserted.
5-7550(F)
Figure 33. Target Memory Burst Read, Nondelayed (PCI Bus, 32-Bit)
T0
T1
T2
T3
Tn0
Tn1
Tn2
Tn3
Tn4
ADDRESS
D0
D1
D2
D3
MEM RD
BE0
BE0
BE1
BE2
BE3
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com