Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3TP12 Datasheet(PDF) 67 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 67 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 63Page - Agere Systems OR3TP12 Datasheet HTML 64Page - Agere Systems OR3TP12 Datasheet HTML 65Page - Agere Systems OR3TP12 Datasheet HTML 66Page - Agere Systems OR3TP12 Datasheet HTML 67Page - Agere Systems OR3TP12 Datasheet HTML 68Page - Agere Systems OR3TP12 Datasheet HTML 69Page - Agere Systems OR3TP12 Datasheet HTML 70Page - Agere Systems OR3TP12 Datasheet HTML 71Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 128 page
background image
Lucent Technologies Inc.
67
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Target Controller Detailed
Description (continued)
When executing a burst Target read, or on a 64-bit bus
(pci_64-bit = 1), the read data transferred from the
FPGA application must be aligned on 64-bit address
boundaries, which may require transferring extra pad-
ding data to proper fill the FIFOs for activity on 32-bit
PCI buses. For transfers starting at an odd 32-bit PCI
address (ad2 = 1), the FPGA application will transfer a
extra 32-bit padding data word at the beginning of the
read data phase. For burst transfers starting at an even
PCI address (ad2 = 0) with an odd number of 32-bit
data words, a extra 32-bit padding data word will be
transferred at the end of the data phase. Padding data
word can be any data words.
For single 32-bit transactions (burst indication bit deas-
serted) on a 32-bit PCI bus (pci_64bit = 0), the Target
FIFO interface handles all data alignment. The
received address is valid with the data phase aligning
to the address. No extra padding of data is necessary.
At some times, the FPGA application may not have
valid data to transfer to the Target read FIFO or the
read data FIFOs may be filled, therefore trdataenn will
be deasserted. If the external Master disconnects dur-
ing this time, trlastcycn will not be produced. In this
situation, the FPGA application must monitor the signal
t_ready for an indication that the external Master is ter-
minating the Target transaction. When t_ready is deas-
serted, the FPGA application will need to assert
trdataenn to receive trlastcycn and properly reset the
Target FIFO interface. During the time that t_ready is
deasserted, the Target is clearing the Target read
FIFOs and no data will be transferring to the PCI bus.
Any read data transferred will be ignored during this
time.
Burst transfers are performed as continuous data
phases if read data is available in the Target read data
FIFO. At completion of Target read bursts, there may
result a discarding of unused data elements supplied in
excess of the external Master transaction’s needs. All
data within the Target read FIFOs is cleared after Mas-
ter termination.
Target Read FIFO Hold
The signal trpcihold can be asserted to delay the start
of transfer of data during a Target read operation, i.e.,
trdyn asserted. While trpcihold is active, read data
can be transferred from the FPGA application into the
Target read FIFOs. When the Target read FIFOs
become full or trpcihold is deasserted, the Target read
operation will begin on the PCI bus. Use of this signal
can result in more efficient utilization of PCI bus band-
width by causing up to a full buffer contents to be
bursted, without wait-states, whenever the external
Master accesses the Target.
FIFO Full/Almost Full
When the Target read FIFO contains four or fewer 64-
bit empty locations, the Target FIFO interface asserts
tr_afulln, the almost full indicator. This allows some
latency to exist in the FPGA’s response without risking
overfilling the FIFO. When all locations in the Target
read FIFO are full, the Target asserts tr_fulln, the full
indicator. Since the data can be simultaneously written
to and read from the Target read data FIFO, both
tr_afulln and tr_fulln can change states in either
direction multiple times in the course of a burst data
transfer.
Termination
Target read termination will be by normal Master termi-
nation, disconnect associated with a empty Target read
data FIFO, retry associated with a pending Target
transaction, or a reset by rstn.
On the Target FIFO interface, trlastcycn signals when
the external Master has gathered all of the necessary
data from the Target read FIFO, even if extra data
remains in the Target read FIFO. The Target FIFO inter-
face signals end of transaction to the FPGA application
by deasserting treqn for at least one clock. If treqn
subsequently reasserts, this indicates a new, unrelated
transaction.
Reset
The FPGA application can apply a reset signal to place
the Target FIFO interface logic in a known state, clear-
ing the Target FIFOs and resetting tstatecntr. The
reset signal, tfifoclrn, is asynchronous and therefore
should be asserted for a minimum of one clock cycle
and deasserted for a minimum of one clock cycle
before continuing.
It is not recommended to assert tfifoclrn while a cur-
rent PCI transaction is in progress (treqn is asserted),
since proper PCI bus termination is not guaranteed.
Only rstn will reset the internal Target PCI state
machines, while a PCI transaction is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com