Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3TP12 Datasheet(PDF) 35 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 35 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 31Page - Agere Systems OR3TP12 Datasheet HTML 32Page - Agere Systems OR3TP12 Datasheet HTML 33Page - Agere Systems OR3TP12 Datasheet HTML 34Page - Agere Systems OR3TP12 Datasheet HTML 35Page - Agere Systems OR3TP12 Datasheet HTML 36Page - Agere Systems OR3TP12 Datasheet HTML 37Page - Agere Systems OR3TP12 Datasheet HTML 38Page - Agere Systems OR3TP12 Datasheet HTML 39Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
Lucent Technologies Inc.
35
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Master Controller Detailed Description (continued)
Table 10. Bit Definitions for Master Command/Address Phase
* Refer to PCI Specification 2.3 Section 3.1.
Master Write Operation
Command/Address Setup
In order to initiate a PCI Master write operation, the FPGA application must supply the Master command and PCI
start address in the specific order prescribed in Table 13 and Table 14, for quad- and dual-port mode respectively.
This data is transferred via bus mwdata (quad-port mode) or datafmfpga(x) (dual-port mode) and will be accepted
by the Master FIFO interface when ma_fulln is inactive and m_ready is active. The Master command word and
address must be accompanied by assertion of the enable maenn, with the command/address phase ending with
the assertion of mwlastcycn. The bit definitions of the Master command word is shown in Table 10. For Master
writes, the same burst length bit must be equal to zero.
All burst transactions or 64-bit agents (pci_64bit = 1) must start transactions on a 64-bit address boundary, which
requires address bit ad2 = 0 for the PCI start address. If the write transaction needs to start on a odd 32-bit
address boundary (ad2 = 1), the FPGA must send a padding data word to properly fill/align the Master write data
FIFO at the beginning of the data phase. This padding data word will be the first write data word transferred from
the FPGA application, and will have all of its byte enables deasserted. When the Master starts the PCI transaction
on a 32-bit bus, this padding data word will be dropped by the Master, with the resulting transaction starting on the
odd address (ad2 = 1).
For single 32-bit transaction on 32-bit buses (pci_64bit = 0), the Master FIFO interface will perform the proper data
alignment. The FPGA application will transfer the PCI starting address, even or odd, during the command/address
phase and the valid 32-bit data word during the data phase.
Bits
Name
Description
Quad-Port
Dual-Port
Master Command Word (FPGA
→ PCI Core)
17
SPL
Master Read: Same Previous Burst
Length Indication (quad-port only)
Master Write: Must Be Zero
mwdata[17]
datafmfpgax[3]
16
DA
Dual-Address Indication
mwdata[16]
datafmfpgax[2]
15:13
—
Not Used
mwdata[15:13]
datafmfpga[31:29]
12
HR
Holding Register Selector:
0 = Select HR0
1 = Select HR1
mwdata[12]
datafmfpga[28]
11:4
MRDBEN
Master Read: Byte Enables
Master Write: Not Used
mwdata[11:4]
datafmfpga[27:20]
3:0
Cmd
PCI Command Code*
mwdata[3:0]
datafmfpga[19:16]
Master Read Burst Length Word (FPGA
→ PCI Core)
17:16
BL
Burst Length of 64-bit Words
mwdata[17:16]
datafmfpgax[1:0]
15:0
BL
Burst Length of 64-bit Words
mwdata[15:0]
datafmfpga[15:0]
Master Address Word (FPGA
→ PCI Core)
17:16
—
Not Used
mwdata[17:16]
datafmfpgax[1:0]
15:0
Adrs
Address
mwdata[15:0]
datafmfpga[31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com