Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3TP12 Datasheet(PDF) 46 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 46 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 42Page - Agere Systems OR3TP12 Datasheet HTML 43Page - Agere Systems OR3TP12 Datasheet HTML 44Page - Agere Systems OR3TP12 Datasheet HTML 45Page - Agere Systems OR3TP12 Datasheet HTML 46Page - Agere Systems OR3TP12 Datasheet HTML 47Page - Agere Systems OR3TP12 Datasheet HTML 48Page - Agere Systems OR3TP12 Datasheet HTML 49Page - Agere Systems OR3TP12 Datasheet HTML 50Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
46
46
Lucent Technologies Inc.
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
PCI Bus Core Master Controller
Detailed Description (continued)
To enter the dual-port data phase, maenn is deas-
serted, mrdataenn is asserted, fifo_sel is deasserted,
and a valid 32-bit word of data will be provided on bus
datatofpga, providing the read data FIFO is not empty
(mr_emptyn = 1). For a 32-bit transfer on a
32-bit PCI bus (pci_64bit = 0), the Master FIFO inter-
face will assert the signal mrlastcycn during the only
clock of the data phase. The completion of the data
phase is indicated by mrlastcycn being asserted,
requiring mrdataenn asserted, and the final data word.
For quad-port mode (Figure 10), the command/address
phase starts with the command and read burst length
transferring on the bus mwdata in sequential 18-bit
segments. The 18-bit Master command will be trans-
ferred first on mwdata, followed the 18-bit read burst
length, with both validated by an asserted maenn. The
32-bit address will be split into two 16-bit components
with the LSB being transferred first, also validated by
an asserted maenn. The command/address phase will
require four clock cycles, and mwlastcycn will be
asserted on the final or MSB component of the
address.
In the data phase of the quad-port mode, the read data
will be transferred in 16-bit segments on bus mrdata.
The read data phase will require two clock cycles to
transfer the 32-bit read data word across the 16-bit bus
mrdata, providing mrdataen is asserted, and the read
data FIFOs are not empty (mr_emptyn = 1). mrlast-
cycn will be deasserted for the first 16-bit LSB of the
read data word, and asserted for the final 16-bit MSB
component.
Following this command/address setup, execution
begins on the PCI bus. Figure 11 shows the timing of a
typical transaction with a remote Target. The transac-
tion results in a normal completion. The remote Target
supports fast decode, and the protocol and timing are
as required by the PCI Specification.
5-7352(F)
Figure 9. Master Read Single (FIFO Interface, Dual-Port)
T0
T1
T2
T3
T4
TN
TN+1
TN+2
TN+3
0
1
0
0
BRST/CMD
ADRS
DATA
fclk
m_ready
mstatecntr
ma_fulln
datafmfpga
maenn
mwlastcycn
datatofpga
fifo_sel
mr_emptyn
mrdataenn
mrlastcycn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com