Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3TP12 Datasheet(PDF) 13 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 13 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 9Page - Agere Systems OR3TP12 Datasheet HTML 10Page - Agere Systems OR3TP12 Datasheet HTML 11Page - Agere Systems OR3TP12 Datasheet HTML 12Page - Agere Systems OR3TP12 Datasheet HTML 13Page - Agere Systems OR3TP12 Datasheet HTML 14Page - Agere Systems OR3TP12 Datasheet HTML 15Page - Agere Systems OR3TP12 Datasheet HTML 16Page - Agere Systems OR3TP12 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
Lucent Technologies Inc.
13
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description
The following sections describe the operation of the embedded PCI bus core interface.
PCI Bus Commands
The PCI bus core supports all commands required by the PCI Specification. The following table describes each
command. Subsequent sections will describe the protocols in which the commands are used.
Table 3. PCI Bus Command Descriptions
Command
Code
(Binary)
Command
OR3TP12
Master
Generates
OR3TP12
Target
Accepts
Description
0000
Interrupt
Acknowledge
—
—
Only implemented by Master agents that interface to the
system CPU and as Target by agents that incorporate the
system interrupt controller.
0001
Special Cycle
—
—
Target ignores, per PCI Specification Section 3.7.2.
0010
I/O Read
√√
Target: Single accesses only, with bursts disconnected
after first data phase.
Delayed Mode (deltrn = 0): Terminates the initial access
with a retry, recording internally the PCI address and byte
enables for processing by the FPGA application. Subse-
quent PCI accesses occurring before the FPGA application
loads the Target read FIFO continues to result in retries.
After the Target read FIFO is loaded by the FPGA applica-
tion, the next read access that matches the stored parame-
ters disconnects with the FPGA supplied data and the
Target read logic is cleared.
Nondelayed Mode (deltrn = 1, trburstpendn = 0):
Accepted access inserts wait-states up to the initial latency
count (16 or 32 clocks depending on the option selected in
the FPSC configuration manager). During the wait-states,
the FPGA application processes the read request and
transfers data into the Target read FIFOs. If read data is
transferred into the Target read FIFOs before the latency
count expires, this read data is transferred to the PCI bus
during initial request. If not, the PCI address, byte enables,
and Target read data remain stored in the Target controller.
The next access that matches the stored address and byte
enables disconnects with the FPGA supplied data, and the
Target read logic is cleared.
Master: Single and burst operations are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com