Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3TP12 Datasheet(PDF) 56 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 56 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 52Page - Agere Systems OR3TP12 Datasheet HTML 53Page - Agere Systems OR3TP12 Datasheet HTML 54Page - Agere Systems OR3TP12 Datasheet HTML 55Page - Agere Systems OR3TP12 Datasheet HTML 56Page - Agere Systems OR3TP12 Datasheet HTML 57Page - Agere Systems OR3TP12 Datasheet HTML 58Page - Agere Systems OR3TP12 Datasheet HTML 59Page - Agere Systems OR3TP12 Datasheet HTML 60Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
56
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Target Controller Detailed
Description (continued)
Write Data Transfer
The FPGA application enters the write data phase by
deasserting taenn and asserting twdataenn. On every
cycle that twdataenn is asserted, the FPGA applica-
tion receives write data and its associated byte enables
from the Target write data FIFO (64 32-bit words; 32
64-bit words) via bus twdata (quad-port mode) or
datatofpga (dual-port mode with fifo_sel = 1), provid-
ing the write data FIFOs are not empty (tw_emptyn =
1). twdataenn must not be asserted when the write
data FIFOs are empty (tw_emptyn is asserted). Note
that tw_emptyn can be updated on the same clock
edge as twdataenn is sampled.
The distinction between a burst write and a single
access is provided by the burst indication bit
(twdata[17] (quad-port); datatofpgax[1] (dual-port
with fifo_sel = 1), or behavior of the twlastcycn signal
during the data phase. When twlastcycn is asserted,
this signal informs the FPGA application of the end of
the write data phase. twlastcycn will remain deas-
serted with every write data element except the last
element on bus twdata (quad-port mode) or datatof-
pga (dual-port mode with fifo_sel = 1). For example,
on a single 32-bit word transfer in dual-port mode,
twlastcycn would be asserted during the entire write
data phase, since the last data phase is the only data
phase of this transfer.
When executing on a 64-bit PCI bus (pci_64bit = 1) or
a burst Target write, the write data transferred from the
FPGA application is aligned on 64-bit address bound-
aries. This alignment may transfer extra padding data
from the FIFOs for activity during 32-bit PCI transfers.
For transfers starting at an odd 32-bit PCI address
(ad2 = 1), the FPGA application will receive a 32-bit
padding data word at the beginning of the write data
phase. For burst transfers starting at an even PCI
address (ad2 = 0) with an odd number of 32-bit data
words, a 32-bit padding data word will be received at
the end of the data phase. Padding data words are indi-
cated by data words with all of its byte enables deas-
serted.
For single 32-bit transactions (Burst indication bit deas-
serted) on 32-bit PCI buses (pci_64bit = 0), the Target
FIFO interface will perform proper data alignment. Dur-
ing the data phase, the FPGA application will only
receive the 32-bit data word, and no padding words are
present.
Target Write Data FIFO Empty/Almost Empty
When the Target write FIFO contains four or fewer
64-bit data elements, the Target FIFO interface asserts
tw_aemptyn the FIFO almost empty indicator. This
allows some latency to exist in the FPGA’s response
without risking overreading the FIFO. When the FPGA
application has read all data out of the Target write
FIFO, the Target FIFO interface asserts tw_emptyn,
the FIFO empty indicator. Since data can be simulta-
neously written to, and read from, the Target write
FIFO, both tw_aemptyn and tw_emptyn can change
states in either direction multiple times in the course of
a burst data transfer.
Target Write Termination
Target write termination will be by normal Master termi-
nation, disconnect associated with a full Target write
data FIFO, retry associated with a pending Target
transaction, or a reset by rstn.
On the Target FIFO interface, twlastcycn signals when
the last item remaining in the Target write FIFO has
been received by the FPGA application (although the
actual PCI bus transaction may have completed much
earlier). The Target FIFO interface then signals end of
transaction to the FPGA application by deasserting
treqn for at least one clock. If treqn subsequently reas-
serts, this indicates a new, unrelated transaction.
Reset
The FPGA application can apply a reset signal to place
the Target FIFO interface logic in a known state, clear-
ing the Target FIFOs and resetting tstatecntr. The
reset signal, tfifoclrn, is asynchronous and therefore
should be asserted for a minimum of one clock cycle
and deasserted for a minimum of one clock cycle
before continuing.
It is not recommended to assert tfifoclrn while a cur-
rent PCI transaction is in progress (treqn is asserted),
since proper PCI bus termination is not guaranteed.
Only rstn will reset the internal Target PCI state
machines, while a PCI transaction is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com