Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3TP12 Datasheet(PDF) 41 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 41 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 37Page - Agere Systems OR3TP12 Datasheet HTML 38Page - Agere Systems OR3TP12 Datasheet HTML 39Page - Agere Systems OR3TP12 Datasheet HTML 40Page - Agere Systems OR3TP12 Datasheet HTML 41Page - Agere Systems OR3TP12 Datasheet HTML 42Page - Agere Systems OR3TP12 Datasheet HTML 43Page - Agere Systems OR3TP12 Datasheet HTML 44Page - Agere Systems OR3TP12 Datasheet HTML 45Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
Lucent Technologies Inc.
41
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Master Controller Detailed Description (continued)
Example: Master Write, Burst Transaction
Figure 6 and Figure 7 show the timing of a Master write of four 32-bit data words, on the dual-port FPGA interface
and quad-port FPGA interface, respectively. In Figure 6, the command/address phase is initiated by the FPGA
application asserting Master address enable (maenn), while providing the Master command word on bus datafmf-
pga. On the next clock, the FPGA application provides the 32-bit address and ends the command/address phase
by asserting mwlastcycn.
To enter the data phase, maenn is deasserted, mwdataenn is asserted, and a valid 32-bit Dword of data provided
on bus datafmfpga. After the second write data word is provided, ma_fulln goes active indicating the Master will
be begin negotiating for the PCI bus (assuming mwpcihold is deaserted). The FPGA application continues to sup-
ply data (three 32-bit Dwords) on bus datafmfpga with mwdataenn asserted, while monitoring the mw_fulln flag.
To indicate the completion of the data phase, mwlastcycn is asserted, along with mwdataenn, during the final
data word.
For quad-port mode (Figure 7), the command/address and write data is transferred on the bus mwdata. The 18-bit
Master command will remain unchanged, but the 32-bit address will be split into two 16-bit components with the
LSB being transferred first. The command/address phase will require three clock cycles (with maenn asserted),
and mwlastcycn will be asserted on the final or MSB component of the address.
The quad-port data phase will also require additional clock cycles to transfer the four 32-bit write data word across
the bus mwdata. Similar to above, the data phase will be entered with the deassertion of maenn and assertion of
mwdataenn. mwlastcycn will be deasserted for all write data words, except being asserted for the final 16-bit
MSB component.
Execution begins on the PCI bus, as shown in Figure 8, which shows the timing with an external Target. The trans-
action runs to normal completion. It is a typical PCI transaction (the remote Target supports fast decode), and the
protocol and timing are as required by the PCI Specification.
5-7351(F)
Figure 6. Master Write Burst (FIFO Interface, Dual-Port)
T0
T1
T2
T3
T4
T5
T6
T7
T8
0
1
A
B
A
B
0
CMD
ADRS
D0
D1
D2
D3
fclk
m_ready
mstatecntr
ma_fulln
datafmfpga
maenn
mw_fulln
mwdataenn
mwlastcycn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com