Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9508PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 27Page - Analog Devices AD9508PCBZ Datasheet HTML 28Page - Analog Devices AD9508PCBZ Datasheet HTML 29Page - Analog Devices AD9508PCBZ Datasheet HTML 30Page - Analog Devices AD9508PCBZ Datasheet HTML 31Page - Analog Devices AD9508PCBZ Datasheet HTML 32Page - Analog Devices AD9508PCBZ Datasheet HTML 33Page - Analog Devices AD9508PCBZ Datasheet HTML 34Page - Analog Devices AD9508PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 31 of 40
Figure 58. Data Transfer Process (Master Read Mode, Two-Byte Transfer)
Data Transfer Format
Write byte format: The write byte protocol writes a register address to the RAM, starting from the specified RAM address.
S
Slave
Address
A
WE
A
RAM Address
High Byte
A
RAM Address
Low Byte
A
RAM
Data 0
A
RAM
Data 1
A
RAM
Data 2
A
P
Send byte format: The send byte protocol sets up the register address for subsequent reads.
S
Slave Address
A
WE
A
RAM Address High Byte
A
RAM Address Low Byte
A
P
Receive byte format: The receive byte protocol reads the data byte(s) from RAM, starting from the current address.
S
Slave Address
R
A
RAM Data 0
A
RAM Data 1
A
RAM Data 2
A
A
E
P
Read byte format: This is the combined format of the send byte and the receive byte.
S
Slave
Address
A
WE
A
RAM
Address
High Byte
A
RAM
Address
Low Byte
A
Sr
Slave
Address
R
A
RAM
Data 0
A
RAM
Data 1
A
RAM
Data 2
A
A
E
P
I²C Serial Port Timing
Figure 59. I²C Serial Port Timing
Table 22. I2C Timing Definitions
Parameter
Description
fSCL
Serial clock
tBUF
Bus free time between stop and start conditions
tHD; STA
Repeated hold time start condition
tSU; STA
Repeated start condition setup time
tSU; STO
Stop condition setup time
tHD; DAT
Data hold time
tSU; DAT
Date setup time
tLOW
SCL clock low period
tHIGH
SCL clock high period
tR
Minimum/maximum receive SCL and SDA rise time
tF
Minimum/maximum receive SCL and SDA fall time
tSP
Pulse width of voltage spikes that must be suppressed by the input filter
12
89
12
3TO 7
3TO 7
89
10
ACK FROM
MASTER RECEIVER
NACK FROM
MASTER RECEIVER
SDA
SCL
S
P
SSr
S
P
SDA
SCL
tSP
tHD; STA
tSU; STA
tSU; DAT
tHD; DAT
tHD; STA
tSU; STO
tBUF
tR
tF
tR
tF
tHIGH
tLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com