Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9508PCBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 23Page - Analog Devices AD9508PCBZ Datasheet HTML 24Page - Analog Devices AD9508PCBZ Datasheet HTML 25Page - Analog Devices AD9508PCBZ Datasheet HTML 26Page - Analog Devices AD9508PCBZ Datasheet HTML 27Page - Analog Devices AD9508PCBZ Datasheet HTML 28Page - Analog Devices AD9508PCBZ Datasheet HTML 29Page - Analog Devices AD9508PCBZ Datasheet HTML 30Page - Analog Devices AD9508PCBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 27 of 40
Write
When the instruction word indicates a write operation, the payload
is written into the serial control port buffer of the AD9508. Data
bits are registered on the rising edge of SCLK. The length of the
transfer (one, two, or three bytes or streaming mode) depends
on the W0 and W1 bits in the instruction byte. When not
streaming,
A
CSE
A
can be deasserted after each sequence of eight
bits to stall the bus (except after the last byte, where it ends the
cycle). When the bus is stalled, the serial transfer resumes when
A
CSE
A
is asserted. Deasserting the
A
CSE
A
pin on a nonbyte boundary resets
the serial control port. Reserved or blank registers are not skipped
automatically during a write sequence. Therefore, the user must
know what bit pattern to write to the reserved registers to preserve
proper operation of the device. Generally, it does not matter what
data is written to blank registers, but it is customary to write 0s.
Most of the serial port registers are buffered. This means that
data written into buffered registers do not take effect until the
user issues an I/O update. An I/O update operation is executed
by writing a Logic 1 to Register 0x0005, Bit 0 (which is an auto-
clearing bit) or by programming a multifunction pin to perform
the I/O update function and applying an external signal to that
pin. The user can change as many register bits as needed before
executing an I/O update. The I/O update operation transfers the
buffer register contents to their active register counterparts.
Read
The AD9508 supports the long instruction mode only. If the
instruction word indicates a read operation, the next N × 8
SCLK cycles clock out the data from the address specified in
the instruction word. N is the number of data bytes read and
depends on the W0 and W1 bits of the instruction word. The
readback data is valid on the falling edge of SCLK. Blank registers
are not skipped during readback.
A readback operation takes data from either the serial control
port buffer registers or the active registers.
SPI Instruction Word (16 Bits)
The MSB of the 16-bit instruction word is R/
A
WE
A
, which indicates
whether the instruction is a read or a write. The next two bits, W1
and W0, indicate the number of bytes in the transfer. The final 13
bits are the register address (A12 to A0), which indicates the
starting register address of the read/write operation (see Table 19).
SPI MSB First and LSB First Transfers
The AD9508 instruction word and payload can be MSB first or
LSB first; the default is MSB first. The LSB first mode can be set by
writing a 1 to Register 0x00, Bit 6. Immediately after the LSB first
bit is set, subsequent serial control port operations are LSB first.
When MSB first mode is active, the instruction and data bytes
must be written from MSB to LSB. Multibyte data transfers in
MSB first format start with an instruction byte that includes the
register address of the most significant payload byte. Subsequent
data bytes must follow, in order, from high address to low address.
In MSB first mode, the serial control port internal address genera-
tor decrements for each data byte of the multibyte transfer cycle.
When Register 0x00, Bit 6 = 1 (LSB first), the instruction and
data bytes must be written from LSB to MSB. Multibyte data
transfers in LSB first format start with an instruction byte that
includes the register address of the least significant payload byte,
followed by multiple data bytes. The serial control port internal
byte address generator increments for each byte of the multibyte
transfer cycle.
For multibyte MSB first (default) I/O operations, the serial control
port register address decrements from the specified starting address
toward Address 0x00. For multibyte LSB first I/O operations, the
serial control port register address increments from the starting
address toward Address 0x2C. Reserved addresses are not skipped
during multibyte I/O operations; therefore, the user writes the
default value to a reserved register and writes 0s to unmapped
registers. Note that it is more efficient to issue a new write
command than to write the default value to more than two
consecutive reserved (or unmapped) registers.
Table 18. Streaming Mode (No Addresses Skipped)
Write Mode
Address Direction
Stop Sequence
LSB First
Increment
0x00 … 0x2C
MSB First
Decrement
0x2C … 0x00
Table 19. Serial Control Port, 16-Bit Instruction Word, MSB First Bit Map
MSB
LSB
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
R/
A
WE
W1
W0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Figure 48. Serial Control Port Write—MSB First, 16-Bit Instruction, Two Bytes of Data
CS
SCLK DON'T CARE
SDIO
A12
W0
W1
R/W
A11 A10 A9
A8
A7
A6 A5
A4
A3
A2
A1
A0
D7 D6
D5
D4
D3
D2 D1
D0
D7
D6 D5
D4
D3 D2
D1
D0
DON'T CARE
DON'T CARE
DON'T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N – 1) DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com