Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9508PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 8Page - Analog Devices AD9508PCBZ Datasheet HTML 9Page - Analog Devices AD9508PCBZ Datasheet HTML 10Page - Analog Devices AD9508PCBZ Datasheet HTML 11Page - Analog Devices AD9508PCBZ Datasheet HTML 12Page - Analog Devices AD9508PCBZ Datasheet HTML 13Page - Analog Devices AD9508PCBZ Datasheet HTML 14Page - Analog Devices AD9508PCBZ Datasheet HTML 15Page - Analog Devices AD9508PCBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD9508
Data Sheet
Rev. A | Page 12 of 40
Pin No.
Mnemonic
Description
18
A
RESETE
CMOS Input. Device Reset. When this active low pin is asserted, the internal register settings enter their
default state after the
A
RESETE
A
is released. Note that
A
RESETE
A
also serves as a power-down of the device
while an active low signal is applied to the pin. The
A
RESETE
A
pin has an internal 24 kΩ pull-up resistor.
19
SCLK/SCL/S0
Serial Programming Clock/Data Clock/Programming Pin. Multipurpose pin controlled by the PROG_SEL
pin used for serial programming clock (SCLK) in SPI mode or data clock (SCL) for serial programming in
I2C Mode. The PROG_SEL pin determines which programming mode is used. In pin programming
mode, this pin becomes S0. In this mode, S0 is hardwired with a resistor to either VDD or ground. The
resistor value and resistor biasing determine the channel divider values for the outputs on Pin 2 and
Pin 3. See the Pin Strapping to Program on Power-Up section for more details.
20
A
SYNCE
Clock Synchronization. When this pin is active low, the output drivers are held static and then
synchronized on a low-to-high transition of this pin. The
A
SYNCE
A
pin has an internal 24 kΩ pull-up
resistor.
21
CLK
Differential Clock Input or Single-Ended CMOS Input. Whether this pin serves as the differential clock
input or the single-ended CMOS input depends on the logic state of the IN_SEL pin.
22
A
CLKE
Complementary Differential Clock Input.
23
IN_SEL
CMOS Input. A logic high configures the CLK and
A
CLKE
A
inputs for a differential input signal. A logic low
configures the input for single-ended CMOS applied to the CLK pin. AC-couple the unused
A
CLKE
A
to
ground with a 0.1 μF capacitor.
24
SDIO/SDA/S1
Serial Data Input and Output (SPI)/Serial Data (I2C)/Pin Programming. Pin 24 is a multipurpose input
controlled by the PROG_SEL pin used for SPI (SDIO), I2C (SDA), and pin strapping modes (S1). When the
device is in 4-wire SPI mode, data is written via SDIO. In 3-wire mode, both data reads and writes occur
on this pin. There is no internal pull-up/pull-down resistor on this pin. In I2C mode, SDA serves as the
serial data pin. The PROG_SEL pin determines which programming mode is used. In pin programming
mode, this pin becomes S1. In this mode, S1 is hardwired with a resistor to either VDD or ground. The
resistor value and resistor biasing determine the channel divider values for the outputs on Pin 7 and
Pin 8. See the Pin Strapping to Program on Power-Up section for more details.
EP
Exposed Pad. The exposed die pad must be connected to ground (VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com