Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9508PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 21Page - Analog Devices AD9508PCBZ Datasheet HTML 22Page - Analog Devices AD9508PCBZ Datasheet HTML 23Page - Analog Devices AD9508PCBZ Datasheet HTML 24Page - Analog Devices AD9508PCBZ Datasheet HTML 25Page - Analog Devices AD9508PCBZ Datasheet HTML 26Page - Analog Devices AD9508PCBZ Datasheet HTML 27Page - Analog Devices AD9508PCBZ Datasheet HTML 28Page - Analog Devices AD9508PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 25 of 40
PIN STRAPPING TO PROGRAM ON POWER-UP
The PROG_SEL input when set to Logic 1 places the AD9508 in
pin strapping control mode without the need for SPI or I2C
operations. In this mode, Pin S0 through Pin S5 program the
desired internal divider value and output logic type for each
output or to set the output to a high-Z state.
The maximum divide value is limited to divide-by-16 and phase
offset delay control is not supported in this mode. LVDS and
HSTL logic types are supported in this mode. However, if HSTL
mode is set and the 100 Ω output termination is removed, the
output swings to 1.8 V CMOS logic levels. In this configura-
tion, the differential outputs of the channel selected become two
single-ended CMOS signals. Those outputs maintain a 180° phase
relationship and share the same channel divider value.
Programming individual outputs and the output logic type is
performed by hardwiring specific resistor values to each of the
S0 to S5 pins. The other side of the resistor is then biased to
ground or VDD, depending on the desired settings. The actual
settings are applied after an internal ADC scans each one of the
S0 to S5 pins. An ADC scan is initiated by either the internal
power-on reset when the device is powered up or by toggling
the SYNC pin. If changes are made after the internal power-on
reset, the SYNC pin must be toggled before any new changes are
accepted.
Table 15 depicts all the pin strapping selections available for
each output channel divider value and logic type. The resistors
listed in Table 15 must have 10% or better tolerance.
Note that if all outputs use an output divider value of one and
use either HSTL outputs or 1.8 V CMOS output levels, then the
S0 to S5 pins can be grounded to accomplish that particular
configuration instead of using the 820 Ω resistor.
Table 15. Selection Table for Pin Strapping Control
Programming
Pins
ADC Voltage Level (0 Through 7) vs. Resistor Value vs. Divide Value and Logic Type
0 = 820 Ω
Pulled to
GND
1 = 1.8 kΩ
Pulled to
GND
2 = 3.9 kΩ
Pulled to
GND
3 = 8.2 kΩ
Pulled to
GND
4 = 820 Ω
Pulled to
VDD
5 = 1.8 kΩ
Pulled to
VDD
6 = 3.9 kΩ
Pulled to
VDD
7 = 8.2 kΩ
Pulled to
VDD
Description
S0
÷1
÷2
÷3
÷4
÷5
÷6
÷8
÷16
SO is assigned to the
Channel 0 divider ratio only
S1
÷1
÷2
÷3
÷4
÷5
÷6
÷8
÷16
S1 is assigned to the
Channel 1 divider ratio only
S2
÷1
÷2
÷3
÷4
÷5
÷6
÷8
÷16
S2 is assigned to the
Channel 2 divider ratio only
S3
÷1
÷2
÷3
÷4
÷5
÷6
÷8
÷16
S3 is assigned to the
Channel 3 divider ratio only
S4
HSTL/
HSTL
HSTL/
LVDS
HSTL/
high-Z
LVDS/
HSTL
LVDS/
LVDS
LVDS/
high-Z
High-Z/
HSTL
High Z/
high-Z
S4 is assigned to Channel 0
and Channel 1 to select their
output logic types
S5
HSTL/
HSTL
HSTL/
LVDS
HSTL/
high-Z
LVDS/
HSTL
LVDS/
LVDS
LVDS/
high-Z
High-Z/
HSTL
High-Z/
high-Z
S5 is assigned to Channel 2
and Channel 3 to select their
output logic types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com