Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9508PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 11Page - Analog Devices AD9508PCBZ Datasheet HTML 12Page - Analog Devices AD9508PCBZ Datasheet HTML 13Page - Analog Devices AD9508PCBZ Datasheet HTML 14Page - Analog Devices AD9508PCBZ Datasheet HTML 15Page - Analog Devices AD9508PCBZ Datasheet HTML 16Page - Analog Devices AD9508PCBZ Datasheet HTML 17Page - Analog Devices AD9508PCBZ Datasheet HTML 18Page - Analog Devices AD9508PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 15 of 40
Figure 15. CMOS Output Swing vs. Frequency and Temperature (10 pF Load)
Figure 16. CMOS Output Swing vs. Frequency and Capacitive Load
(2 pF, 5 pF, 10 pF, 20 pF)
Figure 17. HSTL Differential Output Waveform @ 800 MHz
Figure 18. HSTL Differential Output Waveform @ 156.25 MHz
Figure 19. Power Supply Current vs. Frequency and Number of Outputs Used,
HSTL
Figure 20. HSTL Differential Output Swing vs. Frequency
0
1.0
1.4
1.2
1.6
1.8
2.0
50
100
150
200
250
FREQUENCY (MHz)
–40°C
+25°C
+85°C
0
1.1
1.3
1.5
1.7
1.9
50
100
150
200
250
FREQUENCY (MHz)
2pF LOAD
5pF LOAD
10pF LOAD
20pF LOAD
TIME (250ps/DIV)
TIME (1.5ns/DIV)
200
150
100
0
50
FREQUENCY (MHz)
0
400
800
1200
1600
ONE OUTPUT (mA)
TWO OUTPUTS (mA)
THREE OUTPUTS (mA)
FOUR OUTPUTS (mA)
2.0
1.8
FREQUENCY (MHz)
100
300
900
700
500
1100
1300
1500
1.9
1.7
1.6
1.5
1.4
1.3
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com