Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8903 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
55
The digital interface volume is controlled as shown in Table 26.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Audio
Interface 0
10:9
DAC_BOOST
[1:0]
00
DAC Input Volume Boost
00 = 0dB
01 = +6dB (Input data must not
exceed -6dBFS)
10 = +12dB (Input data must not
exceed -12dBFS)
11 = +18dB (Input data must not
exceed -18dBFS)
Table 26 DAC Interface Volume Boost
DIGITAL SIDETONE
Digital sidetone mixing (from ADC output into DAC input) is available when ADCs and DACs are
operating at the same sample rate. Digital data from either left or right ADC can be mixed with the
audio interface data on the left and right DAC channels. Sidetone data is taken from the ADC
high-pass filter output, to reduce low frequency noise in the sidetone (e.g. wind noise or mechanical
vibration).
When using the digital sidetone, it is recommended that the ADCs are enabled before un-muting the
DACs to prevent pop noise. The DAC volumes and sidetone volumes should be set to an appropriate
level to avoid clipping at the DAC input.
When digital sidetone is used, it is recommended that the Charge Pump operates in Register Control
mode only (CP_DYN_PWR = 0). See “Charge Pump” for details.
The digital sidetone is controlled as shown in Table 27.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (20h)
DAC Digital 0
11:8
ADCL_DAC_SV
OL [3:0]
0000
Left Digital Sidetone Volume
0000 = -36dB
0001 = -33dB
(… 3dB steps)
1011 = -3dB
11XX = 0dB
(See Table 28 for volume range)
7:4
ADCR_DAC_SV
OL [3:0]
0000
Right Digital Sidetone Volume
0000 = -36dB
0001 = -33dB
(… 3dB steps)
1011 = -3dB
11XX = 0dB
(See Table 28 for volume range)
3:2
ADC_TO_DACL
[1:0]
00
Left DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
1:0
ADC_TO_DACR
[1:0]
00
Right DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
Table 27 Digital Sidetone Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com