Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8903 Datasheet(PDF) 98 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
98
The CLK_SYS control register fields are defined in Table 61.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
Clock Rates 0
0
MCLKDIV2
0
Enables divide by 2 on MCLK
0 = CLK_SYS = MCLK
1 = CLK_SYS = MCLK / 2
R21 (15h)
Clock Rates 1
15
CLK_SRC_SEL
0
SYSCLK Source Select
0 = MCLK
1 = FLL output
R22 (16h)
Clock Rates 2
2
CLK_SYS_ENA
0
System Clock enable
0 = Disabled
1 = Enabled
1
CLK_DSP_ENA
0
DSP Clock enable
0 = Disabled
1 = Enabled
0
TO_ENA
0
Zero Cross timeout enable
0 = Disabled
1 = Enabled
R108 (6Ch)
Write
Sequencer 0
8
WSMD_CLK_E
NA
0
Write Sequencer / Mic Detect Clock
Enable.
0 = Disabled
1 = Enabled
Table 61 MCLK and CLK_SYS Control
CONTROL INTERFACE CLOCKING
Register map access is possible with or without a Master Clock (MCLK). However, if CLK_SYS_ENA
has been set to 1, then a Master Clock must be present for control register Read/Write operations. If
CLK_SYS_ENA = 1 and MCLK is not present, then register access will be unsuccessful. (Note that
read/write access to register R22, containing CLK_SYS_ENA, is always possible.)
If it cannot be assured that MCLK is present when accessing the register map, then it is required to
set CLK_SYS_ENA = 0 to ensure correct operation.
It is possible to use the WM8903 analogue bypass paths to the differential line outputs (LON/LOP and
RON/ROP) without MCLK. Note that MCLK is always required when using HPOUTL, HPOUTR,
LINEOUTL or LINEOUTR.
AUTOMATIC CLOCKING CONFIGURATION
The WM8903 supports a wide range of standard audio sample rates from 8kHz to 96kHz. The
Automatic Clocking Configuration mode simplifies the configuration of the clock dividers in the
WM8903 by deriving most of the necessary parameters from a minimum number of user registers.
The SAMPLE_RATE field selects the sample rate, fs, of the ADC and DAC. Note that the same
sample rate always applies to the ADC and DAC.
The CLK_SYS_RATE and CLK_SYS_MODE fields must be set according to the ratio of CLK_SYS to
fs. (Note that the internal clock CLK_SYS is derived from MCLK as controlled by MCLKDIV2). When
these fields are set correctly, the Sample Rate Decoder circuit automatically determines the clocking
configuration for all other circuits within the WM8903.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com