Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8903 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
80
CHARGE PUMP
The WM8903 incorporates a dual-mode Charge Pump which generates the supply rails for the
headphone and line output drivers, HPOUTL, HPOUTR, and LINEOUTL and LINEOUTR. The Charge
Pump has a single supply input, CPVDD, and generates split rails VPOS and VNEG according to the
selected mode of operation. The Charge Pump connections are illustrated in Figure 35 (see the
“Electrical Characteristics” section for external component values). An input decoupling capacitor may
also be required at CPVDD, depending upon the system configuration.
Figure 35 Charge Pump External Connections
The Charge Pump is enabled by setting the CP_ENA bit. When enabled, the charge pump adjusts the
output voltages (VPOS and VNEG) as well as the switching frequency in order to optimise the power
consumption according to the operating conditions. This can take two forms, which are selected using
the CP_DYN_PWR register bit.
Register control (CP_DYN_PWR = 0)
Dynamic control (CP_DYN_PWR = 1)
Under Register control, the HPOUTL_VOL, HPOUTR_VOL, LINEOUTL_VOL and LINEOUTR_VOL
register settings are used to control the charge pump mode of operation.
Under Dynamic control, the audio signal level in the DAC is used to control the charge pump mode of
operation. This is the Wolfson ‘Class W’ mode, which allows the power consumption to be optimised
in real time, but can only be used if the DAC is the only signal source. This mode should not be used
if any of the bypass paths are used to mix analogue inputs into the output signal path.
Under the recommended usage conditions of the WM8903, the Charge Pump will be enabled by
running the default Start-Up sequence as described in the “Control Write Sequencer” section.
(Similarly, it will be disabled by running the Shut-Down sequence.) In these cases, the user does not
need to write to the CP_ENA bit. The Charge Pump operating mode defaults to Register control;
Dynamic control may be selected by setting the CP_DYN_PWR register bit, if appropriate.
When digital sidetone is used (see “Digital Mixing”), it is recommended that the Charge Pump
operates in Register Control mode only (CP_DYN_PWR = 0). This is because the Dynamic Control
mode (Class W) does not measure the sidetone signal level and hence the Charge Pump
configuration cannot be optimised for all signal conditions when digital sidetone is enabled; this could
lead to signal clipping.
The MCLK signal must be present for the charge pump to function. The clock division from MCLK is
handled transparently by the WM8903 without user intervention, as long as MCLK and sample rates
are set correctly (see “Clocking and Sample Rates” section). The clock divider ratio depends on the
SAMPLE_RATE [3:0], CLK_SYS_MODE [1:0], and CLK_SYS_RATE [3:0] register settings.
The charge pump requires a minimum CLK_SYS frequency of 2.8224MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com