Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8903 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
30
ANALOGUE INPUT SIGNAL PATH
The WM8903 has six analogue input pins, which may be used to support connections to multiple
microphone or line input sources. The input multiplexer on the Left and Right channels can be used to
select different configurations for each of the input sources. The analogue input paths can support
line and microphone inputs, in single-ended and differential modes. The input stage can also provide
common mode noise rejection in some configurations.
The Left and Right analogue input channels are routed to the Analogue to Digital converters (ADCs).
There is also a bypass path for each channel, enabling the signal to be routed directly to the output
mixers.
The WM8903 input signal paths and control registers are illustrated in Figure 22.
Single-Ended (inverting) Mode: Gain -1.55dB to +28.5dB, non-linear steps
Differential Line Mode: Gain -1.55dB to +28.5dB, non-linear steps
Differential Microphone Mode: Gain +12dB to +30dB, 3dB steps
MUX
IN1L
IN3L
IN2L
-
+
L_MODE
L_IP_SEL_N
L_IP_SEL_P
INL_ENA
INL_CM_ENA
LIN_MUTE
LIN_VOL
VMID
BYPASSL
MUX
IN1R
IN3R
IN2R
-
+
R_MODE
R_IP_SEL_N
R_IP_SEL_P
INR_ENA
INR_CM_ENA
RIN_MUTE
RIN_VOL
VMID
BYPASSR
ADC L
ADC R
Single-Ended (inverting) Mode: Gain -1.55dB to +28.5dB, non-linear steps
Differential Line Mode: Gain -1.55dB to +28.5dB, non-linear steps
Differential Microphone Mode: Gain +12dB to +30dB, 3dB steps
Figure 22 Block Diagram for Input Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com