Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8903 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
12
PGA and microphone boost
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum PGA gain setting
L_MODE/R_MODE= 00b or 01b
-1.55
dB
L_MODE/R_MODE= 10b
+12
Maximum PGA gain setting
L_MODE/R_MODE= 00b or 01b
+28.28
dB
L_MODE/R_MODE= 10b
+30
Single-ended to differential
conversion gain
L_MODE/R_MODE= 00b
+6
dB
PGA gain accuracy
L_MODE/R_MODE= 00b
Gain -1.55 to +6.7dB
-1
+1
dB
L_MODE/R_MODE= 00b
Gain +7.5 to +28.3dB
-1.5
+1.5
L_MODE/R_MODE= 1X
Gain +12 to +24dB
-1
+1
L_MODE/R_MODE= 1X
Gain +27 to +30dB
-1.5
+1.5
Mute attenuation
all modes of operation
88
dB
Equivalent input noise
L_MODE/R_MODE= 00b or 01b
114
828
µVrms
nV/√Hz
OUTPUT SIGNAL PATH
Stereo Playback to Headphones - DAC input to HPOUTL+HPOUTR pins with 15
 load
Test conditions: HPOUTL_VOL = HPOUTR_VOL = 111001b (0dB)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Power (per Channel)
Po
1% THD
RLoad= 30
28
0.91
-0.76
mW
Vrms
dBV
1% THD
RLoad= 15
30
0.67
-3.47
mW
Vrms
dBV
DC Offset
DC servo enabled, calibration
complete.
0
+/-1.5
mV
Signal to Noise Ratio
SNR
A-weighted
90
96
dB
Total Harmonic Distortion
THD
RL=30; Po=2mW
-93
dB
RL=30; Po=20mW
-82
RL=15; Po=2mW
-83
-72
RL=15; Po=20mW
-83
Total Harmonic Distortion + Noise
THD+N
RL=30; Po=2mW
-90
dB
RL=30; Po=20mW
-82
RL=15; Po=2mW
-81
-70
RL=15; Po=20mW
-81
Channel Separation
1kHz signal, 0dBFS
100
dB
10kHz signal, 0dBFS
85
Channel Level Matching
1kHz signal, 0dBFS
+/-1
dB
Power Supply Rejection Ratio
PSRR
1kHz, 100mV pk-pk
60
dB
20kHz, 100mV pk-pk
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com