Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8903 Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
97
CLK_SYS CONTROL
The CLK_SRC_SEL bit is used to select the source for CLK_SYS. The source may be either the
MCLK input or the FLL output. The selected source may be adjusted by the MCLKDIV2 divider to
generate CLK_SYS. These register fields are described in Table 61. See “Frequency Locked Loop
(FLL)” for more details of the Frequency Locked Loop clock generator.
The CLK_SYS signal is enabled by register bit CLK_SYS_ENA. This bit should be set to 1 for normal
operation with MCLK applied. This bit should be set to 0 when reconfiguring clock sources. It is not
recommended to change CLK_SRC_SEL while the CLK_SYS_ENA bit is set.
The following operating frequency limits must be observed when configuring CLK_SYS. Failure to
observe these limits will result in degraded noise performance and/or incorrect ADC/DAC
functionality.
If DAC_OSR = 0 then CLK_SYS
 3MHz
If DAC_OSR = 1 then CLK_SYS
 6MHz
For DAC operation up to 48kHz sample rate, the following CLK_SYS limits are applicable. These
conditions are applicable whenever DACL_ENA = 1 or DACR_ENA = 1.
Note that the ADC operation limits must also be observed if either ADC is enabled. See “Digital-to-
Analogue Converter (DAC)” for definitions of DAC_MONO and DAC_OSR.
If DAC_MONO = 0 and DAC_OSR = 0, then CLK_SYS
 128 x fs
If DAC_MONO = 0 and DAC_OSR = 1, then CLK_SYS
 256 x fs
If DAC_MONO = 1 and DAC_OSR = 0, then CLK_SYS
 64 x fs
If DAC_MONO = 1 and DAC_OSR = 1, then CLK_SYS
 128 x fs
For ADC operation up to 48kHz sample rate, the following CLK_SYS limits are applicable. These
conditions are applicable whenever ADCL_ENA = 1 or ADCR_ENA = 1.
Note that the DAC operation limits must also be observed if either DAC is enabled. See “Analogue-to-
Digital Converter (ADC)” for the definition of ADC_OSR.
If ADC_OSR = 0, then CLK_SYS
 128 x fs
If ADC_OSR = 1, then CLK_SYS
 256 x fs
Further requirements for 88.2kHz and 96kHz operation are provided later in this section. Note that
simultaneous ADC and DAC operation at 88.2kHz or 96kHz is not possible.
The clocking of the ADC and DAC circuits is derived from CLK_DSP, which is enabled by
CLK_DSP_ENA. (Note that CLK_SYS must also be enabled.)
A 256kHz clock required for the Control Write Sequencer and MICBIAS Current Detect filtering is
derived from CLK_SYS. The 256kHz clock is enabled by WSMD_CLK_ENA.
The slow clock (TOCLK) required for input signal de-bouncing and volume update timeout functions is
derived from the 256kHz clock. The TOCLK clock is enabled by TO_ENA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com