Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2155 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 19Page - Microchip Technology MCP2155_13 Datasheet HTML 20Page - Microchip Technology MCP2155_13 Datasheet HTML 21Page - Microchip Technology MCP2155_13 Datasheet HTML 22Page - Microchip Technology MCP2155_13 Datasheet HTML 23Page - Microchip Technology MCP2155_13 Datasheet HTML 24Page - Microchip Technology MCP2155_13 Datasheet HTML 25Page - Microchip Technology MCP2155_13 Datasheet HTML 26Page - Microchip Technology MCP2155_13 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 23
MCP2155
3.0
DEVELOPMENT TOOLS
The MCP2155 is
supported by the
MCP2120/
MCP2150 Developer’s Kit (order number DM163008).
This kit allows the user to demonstrate the operation of
the MCP2155 by doing some hardware “cuts” on the
MCP2150 Developer’s board.
Each kit (DM163008) comes with two MCP2120 Devel-
oper’s boards and one MCP2150 Developer’s Board to
demonstrate transmission/reception of infrared data
streams. Figure 3-1 shows a block diagram of the
MCP2150 Developer’s Board and the 4 lines that are to
be “cut”. The use of MCP2155 requires that the Header
interface is used (SP3238E disconnected from sys-
tem).
As can be seen, the user has jumper options for both
the interface to the host controller (UART or Header)
and the transceiver solution (Integrated or discrete
component).
The UART interface allows a direct connection to a PC
(use a terminal emulation program), or a header to
allow easy connection to host prototypes (or one of the
Microchip PICDEM™ boards).
The transceiver logic is jumpered to allow the selection
of either a single chip transceiver solution, or a low cost
discrete solution. This low cost discrete solution allows
a lower system cost to be achieved. With the lower cost
comes some trade-offs of the IrDA standard physical
layer specifications. These trade-offs need to be evalu-
ated to ensure the characteristics of the component
solution meet the requirements of the system.
This kit comes with two identical MCP2120 Devel-
oper’s Boards and a single MCP2150 Developer’s
board. This allows a complete system (Transmitter and
Receiver) to be implemented with either system
requirement (simple encoder/decoder or IrDA standard
protocol stack plus encoder/decoder).
FIGURE 3-1:
MCP2150 DEVELOPER’S KIT BLOCK DIAGRAM
DB9
Power
Header
Power LED
Integrated
Transceiver
Component
+5V GND
9V Battery
Host Interface
Power
Supply
7
4
4
4 signal lines to be “cut”
MCP2155
(Note)
Note:
The MCP2150 which comes standard in the MCP2150 Developer’s Kit may be replaced with the
MCP2155. Some signals from the UART drive chip (SP3238E) need to be cut in order to ensure that no
I/O conflicts will occur.
21690B.book Page 23 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com