Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2155 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 24Page - Microchip Technology MCP2155_13 Datasheet HTML 25Page - Microchip Technology MCP2155_13 Datasheet HTML 26Page - Microchip Technology MCP2155_13 Datasheet HTML 27Page - Microchip Technology MCP2155_13 Datasheet HTML 28Page - Microchip Technology MCP2155_13 Datasheet HTML 29Page - Microchip Technology MCP2155_13 Datasheet HTML 30Page - Microchip Technology MCP2155_13 Datasheet HTML 31Page - Microchip Technology MCP2155_13 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
MCP2155
DS21690B-page 28
Preliminary
 2001-2013 Microchip Technology Inc.
DC Characteristics (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature:
–40°C
 TA  +85°C (industrial)
Operating voltage VDD range as described in DC spec Section 4.1.
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
Input Low Voltage
VIL
Input pins
D030
with TTL buffer
(TX, RI, DTR, RTS, CD,
and EN)
VSS
—0.8V
V
4.5
 VDD 5.5V
D030A
VSS
—
0.15VDD
Votherwise
D031
with Schmitt Trigger buffer
(BAUD1, BAUD0, and RXIR)
VSS
—0.2VDD
V
D032
RESET
VSS
—0.2VDD
V
D033
OSC1
VSS
—0.3VDD
V
Input High Voltage
VIH
Input pins
—
D040
with TTL buffer
(TX, RI, DTR, RTS, CD,
and EN)
2.0
—
VDD
V4.5
 VDD 5.5V
D040A
0.25VDD
+ 0.8
—VDD
V
otherwise
D041
with Schmitt Trigger buffer
(BAUD1, BAUD0, and RXIR)
0.8VDD
—VDD
V
D042
RESET
0.8VDD
—VDD
V
D043
OSC1
0.7VDD
—VDD
V
Input Leakage Current
(Notes 1, 2)
D060
IIL
Input pins
—
—
±1
µA
VSS
VPIN VDD, Pin at
hi-impedance
D061
RESET
——
±5
µA
VSS
VPIN VDD
D063
OSC1
—
—
±5
µA
VSS
VPIN VDD
Note 1: The leakage current on the RESET pin is strongly dependent on the applied voltage level. The specified lev-
els represent normal operating conditions. Higher leakage current may be measured at different input volt-
ages.
2: Negative current is defined as coming out of the pin.
21690B.book Page 28 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com