| Electronic Components Datasheet Search |
|
MCP2155 Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2155 Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 52 page ![]() MCP2155 DS21690B-page 4 Preliminary 2001-2013 Microchip Technology Inc. 1.1 Applications The MCP2155 IrDA standard protocol stack controller supporting the IrDA standard for IrCOMM 9-wire “cooked” service class which enables embedded sys- tem designers the easiest way to implement IrDA stan- dard wireless connectivity. Figure 1-1 shows a typical application block diagram. Table 1-2 shows the pin def- initions. TABLE 1-1: OVERVIEW OF FEATURES Infrared communication is a wireless two-way data connection using infrared light generated by low-cost transceiver signaling technology. This provides reliable communication between two devices. Infrared technology offers: • Universal standard for connecting portable com- puting devices • Easy, effortless implementation • Economical alternative to other connectivity solu- tions • Reliable, high speed connection • Safe to use in any environment; can even be used during air travel • Eliminates the hassle of cables • Allows PC’s and other elctronic device’s (such as PDA’s, cell phones, ....) to communicate with each other • Enhances mobility by allowing users to easily connect The MCP2155 allows the easy addition of IrDA stan- dard wireless connectivity to any embedded applica- tion that uses serial data. Figure 1-1 shows typical implementation of the MCP2155 in an embedded sys- tem. The IrDA protocols for printer support are not included in the IrCOMM 9-wire “cooked” service class. FIGURE 1-1: SYSTEM BLOCK DIAGRAM Features MCP2155 Serial Communications: UART, IR Baud Rate Selection: Hardware Low Power Mode: Yes Resets (and Delays): RESET, POR (PWRT and OST) Packages: 18-pin DIP, SOIC, 20-pin SSOP Encode Decode TX TXIR RX RXIR EN MCP2155 Microcontroller TX RX Optical TXD RXD Power Down logic Baud Rate Generator BAUD1 BAUD0 RTS CD UART Control CTS DSR DTR RI Transceiver 21690B.book Page 4 Thursday, January 10, 2013 1:06 PM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |