| Electronic Components Datasheet Search |
|
MCP2155 Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2155 Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 52 page ![]() MCP2155 DS21690B-page 12 Preliminary 2001-2013 Microchip Technology Inc. 2.9.1.2 IrLAP The MCP2155 supports the IrLAP protocol. The IrLAP protocol provides: • Management of communication processes on the link between devices. • A device-to-device connection for the reliable, ordered transfer of data. • Device discover procedures. • Hidden node handling. (Not supported by MCP2155) Figure 2-7 identifies the key parts and hierarchy of the IrDA protocols. The bottom layer is the Physical layer, IrPHY. This is the part that converts the serial data to and from pulses of IR light. IR transceivers can’t trans- mit and receive at the same time. The receiver has to wait for the transmitter to finish sending. This is some- times referred to as a “Half-Duplex” connection. The IR Link Access Protocol (IrLAP) provides the structure for packets or “frames” of data to emulate data that would normally be free to stream back and forth. FIGURE 2-7: IRDA STANDARD PROTOCOL LAYERS Figure 2-8 shows how the IrLAP frame is organized. The frame is proceeded by some number of Beginning of Frame characters,(BOFs). The value of the BOF is generally 0xC0, but 0xFF may be used if the last BOF character is a 0xC0. The purpose of multiple BOFs is to give the other station some warning that a frame is coming. The IrLAP frame begins with an address byte (“A” field), then a control byte (“C” field). The control byte is used to differentiate between different types of frames and is also used to count frames. Frames can carry sta- tus, data, or commands. The IrLAP protocol has a com- mand syntax of it’s own, and these commands are part of the control byte. Lastly, IrLAP frames carry data. This data is the information or “I” field. The integrity of the frame is ensured with a 16-bit CRC, referred to as the Frame Check Sequence (FCS). The 16-bit CRC value is transmitted LSB first. The end of the frame is marked with an EOF character which is always a 0xC1. The frame structure described here is used for all versions of IrDA protocols used for serial wire replacement for speeds up to 115.2 kbaud. FIGURE 2-8: IRLAP FRAME In addition to defining the frame structure, IrLAP pro- vides the “housekeeping” function of opening and clos- ing connections, and maintaining connections once they’re open. The critical parameters that determine the performance of the link are part of this function. These parameters control how many BOFs are used, identify the speed of the link, how fast either party may change from receiving to transmitting, etc. IrLAP has the responsibility of negotiating these parameters to the highest common set so that both sides can commu- nicate as fast and as reliably as possible. Host O.S. or Application IrCOMM IrLAP IrPHY Protocols resident in MCP2155 IR pulses transmitted and received IrLMP – IAS Note 1: Another IrDA standard which is entering general usage is IR Object Exchange (IrOBEX). This standard is not used for serial connection emulation. 2: IrDA communication standards faster than 115.2 kbaud use a different CRC method and physical layer. X BOFs BOF A C FCS I EOF (1+N) of C0h payload 2 bytes C1h 21690B.book Page 12 Thursday, January 10, 2013 1:06 PM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |