| Electronic Components Datasheet Search |
|
MCP2155 Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2155 Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 52 page ![]() MCP2155 DS21690B-page 16 Preliminary 2001-2013 Microchip Technology Inc. 2.9.3.2 Discovery Mode Discovery mode allows the Primay device to determine the capabilities of the Secondary device. The discovery mode is entered after the MCP2155 (Secondary device) has sent an XID response to the Primary device, and the Primary device has completed sending the XIDs and then sends a Broadcast ID. If this sequence is not completed, then a Primary device and a Secondary device can stay in NDM indefinitely. When the Primary device has something to do, it then initiates Discovery. Discovery has two parts. these are: • Link initialization • Resource determination The first step is for the Primary device and Secondary device to determine and then adjust to each other’s hardware capabilities. These capabilities are parame- ters like: •Data rate • Turn around time • Number of packets without a response • How long to wait before disconnecting Both the Primary device and Secondary device begin communications at 9600 baud, which is the default baud rate. The Primary device sends its parameters, then the Secondary device responds with its parame- ters. For example, if the Primary supports all data rates up to 115.2 kbaud and the Secondary device only sup- ports 19.2 kbaud then the link will be established at 19.2 kbaud. After the hardware parameters are established, the Pri- mary device must determine if the Secondary device has the resources it requires. If the Primary device has a job to print, then it has to know if it’s talking to a printer, not a modem or other device. This determina- tion is made using the Information Access Service, (IAS). The job of the Secondary device is to respond to IAS queries made by the Primary device. The Primary device must ask a series of questions like: • What is the name of your service? • What is the address of this service? • What are the capabilities of this device? When all the Primary device’s questions are answered, the Primary device can access the service provided by the Secondary device. During Discovery Mode, the MCP2155 handles all of the responses to the Primary device (see Figure 2-10), without any communication with the Host controller. The Host controller is inhibited by the CTS signal, of the MCP2155, from sending data to the MCP2155. 2.9.3.3 Normal Connect Mode (NCM) After discovery has been completed, the Primary device and MCP2155 (Secondary device) can freely exchange data. The MCP2155 can receive IR data or serial data, but not both at the same time. The MCP2155 uses a hard- ware handshake to stop the local serial port from send- ing data while the MCP2155 is receiving IR data. Both the Primary device and MCP2155 (Secondary device) check to make sure that data packets are received by the other without errors. Even when data is required to be sent the Primary device and Secondary device will still exchange packets just to make sure that the connection hasn’t unexpectedly been dropped. When the Primary device has finished, it then transmits the close link command to the MCP2155 (Secondary device). The MCP2155 will confirm the close link com- mand, and then both the Primary device and MCP2155 (Secondary device) will revert to the NDM state. It is the responsability of the Host controller program to understand the meaning of the data received, and how the program should respond to it. This is the same as if the data was being received by the host controller from a UART. Note: The MCP2155 is limited to a data rate of 115.2 kbaud. Note: Data loss will result if this hardware hand- shake is not observed. Note: If the NCM mode is unexpectedly termi- nated for any reason (including the Primary device not issuing a close link command), the MCP2155 will revert to the NDM state 10 seconds after the last frame has been received. 21690B.book Page 16 Thursday, January 10, 2013 1:06 PM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |