Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

dsPIC33FJ09GS302 Datasheet(PDF) 39 Page - Microchip Technology

Part # dsPIC33FJ09GS302
Description  16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ09GS302 Datasheet(HTML) 39 Page - Microchip Technology

Back Button dsPIC33FJ09GS302 Datasheet HTML 35Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 36Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 37Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 38Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 39Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 40Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 41Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 42Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 352 page
background image
 2011-2012 Microchip Technology Inc.
DS75018C-page 39
dsPIC33FJ06GS001/101A/102A/202A and dsPIC33FJ09GS302
4.2
Data Address Space
The CPU has a separate, 16-bit wide data memory
space. The data space is accessed using separate
Address Generation Units (AGUs) for read and write
operations. The data memory maps are shown in
Figure 4-3.
All Effective Addresses (EAs) in the data memory space
are 16 bits wide and point to bytes within the data space.
This arrangement gives a data space address range of
64 Kbytes or 32K words. The lower half of the data
memory space (that is, when EA<15> = 0) is used for
implemented memory addresses, while the upper half
(EA<15> = 1) is reserved for the Program Space
Visibility area (see Section 4.7.3 “Reading Data from
Program Memory Using Program Space Visibility”).
All devices implement up to 1 Kbyte of data memory.
Should an EA point to a location outside of this area, an
all-zero word or byte will be returned.
4.2.1
DATA SPACE WIDTH
The data memory space is organized in byte-
addressable, 16-bit wide blocks. Data is aligned in data
memory and registers as 16-bit words, but all data
space EAs resolve to bytes. The Least Significant
Bytes (LSBs) of each word have even addresses, while
the Most Significant Bytes (MSBs) have odd
addresses.
4.2.2
DATA MEMORY ORGANIZATION
AND ALIGNMENT
To maintain backward compatibility with PIC® MCU
devices and improve data space memory usage
efficiency, the instruction set supports both word and
byte operations. As a consequence of byte accessibil-
ity, all Effective Address calculations are internally
scaled to step through word-aligned memory. For
example, the core recognizes Post-Modified Register
Indirect Addressing mode [Ws++], which results in a
value of Ws + 1 for byte operations and Ws + 2 for word
operations.
Data byte reads will read the complete word that
contains the byte, using the LSb of any EA to determine
which byte to select. The selected byte is placed onto
the LSB of the data path. That is, data memory and reg-
isters are organized as two parallel byte-wide entities
with shared (word) address decode but separate write
lines. Data byte writes only write to the corresponding
side of the array or register that matches the byte
address.
All word accesses must be aligned to an even address.
Misaligned word data fetches are not supported, so
care must be taken when mixing byte and word
operations, or translating from 8-bit MCU code. If a
misaligned read or write is attempted, an address error
trap is generated. If the error occurred on a read, the
instruction underway is completed. If the error occurred
on a write, the instruction is executed but the write does
not occur. In either case, a trap is then executed,
allowing the system and/or user application to examine
the machine state prior to execution of the address
Fault.
All byte loads into any W register are loaded into the
Least Significant Byte. The Most Significant Byte is not
modified.
A Sign-Extend (SE) instruction is provided to allow user
applications to translate 8-bit signed data to 16-bit
signed values. Alternatively, for 16-bit unsigned data,
user applications can clear the MSB of any W register
by executing a Zero-Extend (ZE) instruction on the
appropriate address.
4.2.3
SFR SPACE
The first 2 Kbytes of the Near Data Space, from 0x0000
to 0x07FF, is primarily occupied by Special Function
Registers (SFRs). These are used by the core and
peripheral modules for controlling the operation of the
device.
SFRs are distributed among the modules that they
control, and are generally grouped together by module.
Much of the SFR space contains unused addresses;
these are read as ‘0’.
4.2.4
NEAR DATA SPACE
The 8-Kbyte area between 0x0000 and 0x1FFF is
referred to as the Near Data Space. Locations in this
space are directly addressable via a 13-bit absolute
address field within all memory direct instructions.
Additionally, the whole data space is addressable using
MOV instructions, which support Memory Direct
Addressing mode with a 16-bit address field, or by
using Indirect Addressing mode using a working
register as an Address Pointer.
Note:
The actual set of peripheral features and
interrupts varies by the device. Refer to the
corresponding device tables and pinout
diagrams for device-specific information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com