Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

dsPIC33FJ09GS302 Datasheet(PDF) 19 Page - Microchip Technology

Part # dsPIC33FJ09GS302
Description  16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ09GS302 Datasheet(HTML) 19 Page - Microchip Technology

Back Button dsPIC33FJ09GS302 Datasheet HTML 15Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 16Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 17Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 18Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 19Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 20Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 21Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 22Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 352 page
background image
 2011-2012 Microchip Technology Inc.
DS75018C-page 19
dsPIC33FJ06GS001/101A/102A/202A and dsPIC33FJ09GS302
2.5
ICSP™ Pins
The PGECx and PGEDx pins are used for In-Circuit
Serial Programming™ (ICSP™) and debugging
purposes. It is recommended to keep the trace length
between the ICSP connector and the ICSP pins on the
device as short as possible. If the ICSP connector is
expected to experience an ESD event, a series resistor
is recommended, with the value in the range of a few
tens of Ohms, not to exceed 100 Ohms.
Pull-up resistors, series diodes, and capacitors on the
PGECx and PGEDx pins, are not recommended as they
will interfere with the programmer/debugger communi-
cations to the device. If such discrete components are
an application requirement, they should be removed
from the circuit during programming and debugging.
Alternatively, refer to the AC/DC characteristics and tim-
ing requirements information in the respective device
Flash programming specification for information on
capacitive loading limits, and Input Voltage High (VIH)
and Input Voltage Low (VIL) pin requirements.
Ensure that the “Communication Channel Select”
(i.e., PGECx/PGEDx pins), programmed into the
device matches the physical connections for the ICSP
to MPLAB® ICD 3 or MPLAB REAL ICE™.
For more information on MPLAB ICD 3 and REAL ICE
connection requirements, refer to the following
documents that are available on the Microchip web site
(www.microchip.com):
• “Using MPLAB® ICD 3” (poster) (DS51765)
• “Multi-Tool Design Advisory” (DS51764)
• “MPLAB® REAL ICE™ In-Circuit Emulator User’s
Guide” (DS51616)
• “Using MPLAB® REAL ICE™” (poster) (DS51749)
2.6
External Oscillator Pins
Many DSCs have options for at least two oscillators: a
high-frequency primary oscillator and a low-frequency
secondary oscillator (refer to Section 8.0 “Oscillator
Configuration” for details).
The oscillator circuit should be placed on the same
side of the board as the device. Also, place the
oscillator circuit close to the respective oscillator pins,
not exceeding one-half inch (12 mm) distance
between them. The load capacitors should be placed
next to the oscillator itself, on the same side of the
board. Use a grounded copper pour around the
oscillator circuit to isolate them from surrounding
circuits. The grounded copper pour should be routed
directly to the MCU ground. Do not run any signal
traces or power traces inside the ground pour. Also, if
using a two-sided board, avoid any traces on the
other side of the board where the crystal is placed. A
suggested layout is shown in Figure 2-3.
FIGURE 2-3:
SUGGESTED PLACEMENT
OF THE OSCILLATOR
CIRCUIT
13
Main Oscillator
Guard Ring
Guard Trace
Secondary
Oscillator
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com