Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

dsPIC33FJ09GS302 Datasheet(PDF) 79 Page - Microchip Technology

Part # dsPIC33FJ09GS302
Description  16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ09GS302 Datasheet(HTML) 79 Page - Microchip Technology

Back Button dsPIC33FJ09GS302 Datasheet HTML 75Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 76Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 77Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 78Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 79Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 80Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 81Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 82Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 352 page
background image
 2011-2012 Microchip Technology Inc.
DS75018C-page 79
dsPIC33FJ06GS001/101A/102A/202A and dsPIC33FJ09GS302
6.0
RESETS
The Reset module combines all Reset sources and
controls the device Master Reset Signal, SYSRST. The
following is a list of device Reset sources:
• POR: Power-on Reset
• BOR: Brown-out Reset
•MCLR: Master Clear Pin Reset
•SWR: Software RESET Instruction
• WDTO: Watchdog Timer Reset
• CM: Configuration Mismatch Reset
• TRAPR: Trap Conflict Reset
• IOPUWR: Illegal Condition Device Reset
- Illegal Opcode Reset
- Uninitialized W Register Reset
- Security Reset
A simplified block diagram of the Reset module is
shown in Figure 6-1.
Any active source of Reset will make the SYSRST
signal active. On system Reset, some of the registers
associated with the CPU and peripherals are forced to
a known Reset state, and some are unaffected.
All types of device Reset sets a corresponding status
bit in the RCON register to indicate the type of Reset
(see Register 6-1).
A POR clears all the bits (except for the POR
(RCON<0> bit) that are set. The user application can
set or clear any bit, at any time, during code execution.
The RCON bits only serve as status bits. Setting a
particular Reset status bit in software does not cause a
device Reset to occur.
The RCON register also has other bits associated with
the Watchdog Timer and device power-saving states.
The function of these bits is discussed in other sections
of this manual.
FIGURE 6-1:
RESET SYSTEM BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the dsPIC33FJ06GS001/101A/102A/
202A and dsPIC33FJ09GS302 families
of devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 8. “Reset”
(DS70192) in the “dsPIC33F/PIC24H
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note:
Refer to the specific peripheral section or
Section 3.0 “CPU” of this data sheet for
register Reset states.
Note:
The status bits in the RCON register
should be cleared after they are read so
that the next RCON register value after a
device Reset is meaningful.
MCLR
VDD
Internal
Regulator
BOR
Sleep or Idle
RESET Instruction
WDT
Module
Glitch Filter
Trap Conflict
Illegal Opcode
Uninitialized W Register
SYSRST
VDD Rise
Detect
POR
Configuration Mismatch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com