Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

dsPIC33FJ09GS302 Datasheet(PDF) 85 Page - Microchip Technology

Part # dsPIC33FJ09GS302
Description  16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ09GS302 Datasheet(HTML) 85 Page - Microchip Technology

Back Button dsPIC33FJ09GS302 Datasheet HTML 81Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 82Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 83Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 84Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 85Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 86Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 87Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 88Page - Microchip Technology dsPIC33FJ09GS302 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 352 page
background image
 2011-2012 Microchip Technology Inc.
DS75018C-page 85
dsPIC33FJ06GS001/101A/102A/202A and dsPIC33FJ09GS302
6.5
External Reset (EXTR)
The external Reset is generated by driving the MCLR
pin low. The MCLR pin is a Schmitt trigger input with an
additional glitch filter. Reset pulses that are longer than
the minimum pulse width will generate a Reset. Refer
to Section 25.0 “Electrical Characteristics” for
minimum pulse width specifications. The external
Reset (MCLR) pin (EXTR) bit in the Reset Control
(RCON) register is set to indicate the MCLR Reset.
6.5.1
EXTERNAL SUPERVISORY
CIRCUIT
Many systems have external supervisory circuits that
generate Reset signals to reset multiple devices in the
system. This external Reset signal can be directly
connected to the MCLR pin to reset the device when
the rest of the system is reset.
6.5.2
INTERNAL SUPERVISORY CIRCUIT
When using the internal power supervisory circuit to
reset the device, the external Reset pin (MCLR) should
be tied directly or resistively to VDD. In this case, the
MCLR pin will not be used to generate a Reset. The
external Reset pin (MCLR) does not have an internal
pull-up and must not be left unconnected.
6.6
Software RESET Instruction (SWR)
Whenever the RESET instruction is executed, the
device will assert SYSRST, placing the device in a
special Reset state. This Reset state will not
re-initialize the clock. The clock source in effect prior to
the RESET instruction will still remain. SYSRST is
released at the next instruction cycle and the Reset
vector fetch will commence.
The Software Reset (SWR) flag (instruction) in the
Reset Control register (RCON<6>) is set to indicate
the software Reset.
6.7
Watchdog Time-out Reset (WDTO)
Whenever a Watchdog Timer time-out occurs, the
device will asynchronously assert SYSRST. The clock
source will remain unchanged. A WDT time-out during
Sleep or Idle mode will wake-up the processor, but will
not reset the processor.
The Watchdog Timer Time-out (WDTO) flag in the
Reset Control (RCON<4>) register is set to indicate
the Watchdog Timer Reset. Refer to Section 22.4
“Watchdog Timer (WDT)” for more information on
Watchdog Reset.
6.8
Trap Conflict Reset
If a lower priority hard trap occurs, while a higher
priority trap is being processed, a hard Trap Conflict
Reset occurs. The hard traps include exceptions of
Priority Level 13 through Level 15, inclusive. The
address error (Level 13) and oscillator error (Level 14)
traps fall into this category.
The Trap Reset (TRAPR) flag in the Reset Control
register (RCON<15>) is set to indicate the Trap Conflict
Reset. Refer to Section 7.0 “Interrupt Controller” for
more information on Trap Conflict Resets.
6.9
Illegal Condition Device Reset
An illegal condition device Reset occurs due to the
following sources:
• Illegal Opcode Reset
• Uninitialized W Register Reset
• Security Reset
The illegal opcode or Uninitialized W Access Reset
(IOPUWR) flag in the Reset Control register
(RCON<14>) is set to indicate the illegal condition
device Reset.
6.9.1
ILLEGAL OPCODE RESET
A device Reset is generated if the device attempts to
execute an illegal opcode value that is fetched from
program memory.
The Illegal Opcode Reset function can prevent the
device from executing program memory sections that
are used to store constant data. To take advantage of
the Illegal Opcode Reset, use only the lower 16 bits of
each program memory section to store the data values.
The upper 8 bits should be programmed with 0x3F,
which is an illegal opcode value.
6.9.2
UNINITIALIZED W REGISTER
RESET
Any attempt to use the uninitialized W register as an
Address Pointer will Reset the device. The W register
array (with the exception of W15) is cleared during all
Resets and is considered uninitialized until written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com